Electronic Components Datasheet Search
  English  ▼

X  

DP190 Datasheet(PDF) 1 Page - 3M Electronics

Part # DP190
Description  Scotch-WeldTM Epoxy Adhesives
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP190 Datasheet(HTML) 1 Page - 3M Electronics

  DP190 Datasheet HTML 1Page - 3M Electronics DP190 Datasheet HTML 2Page - 3M Electronics DP190 Datasheet HTML 3Page - 3M Electronics DP190 Datasheet HTML 4Page - 3M Electronics DP190 Datasheet HTML 5Page - 3M Electronics DP190 Datasheet HTML 6Page - 3M Electronics DP190 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Scotch-Weld
TM
Epoxy Adhesives
DP190 Translucent and Grey
Product Description
3M™ Scotch-Weld™ Epoxy Adhesive DP190 Translucent is a 1:1 mix ratio similar to
3M™ Scotch-Weld™ Epoxy Adhesive 2216 B/A Translucent but faster curing.
3M™ Scotch-Weld™ Epoxy Adhesive DP190 Grey is a 1:1 by volume mix ratio of
3M™ Scotch-Weld™ Epoxy Adhesive 2216 B/A Grey and exhibits good peel, shear
and environmental aging properties.
Available in bulk containers as 3M™ Scotch-Weld™ Epoxy Adhesive 2216 B/A.
Features
•
•
•
90 minute worklife
Flexible
Translucent or grey colour
• High shear and peel strength
• 1:1 mix ratio
Typical Uncured
Physical Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Footnotes:
1.
Viscosity determined using 3M test method C-1D. Procedure involves Brookfield RVF, #7 spindle, 20 rpm and 26°C (80°F)
Measurement taken after 1 minute rotation.
2.
Worklife determined using 3M test method C-3180. Procedure involves periodically measuring a 2 gram mixed mass for self-
leveling and wetting properties. This time will also approximate the usable worklife in an
3M™ EPX™ Applicator mixing nozzle.
3M
™ Scotch-Weld™
Epoxy Adhesive
DP190 Translucent
3M
™ Scotch-Weld™
Epoxy Adhesive
DP190 Grey
Base Resins
Epoxy/Amine
Epoxy/Amine
Viscosity1, Approximate Base (B)
@24°C (75°F)
Accelerator (A)
2,000-8,000 cps
7,000-15,000 cps
75,000-150,000 cps
40,000-80,000 cps
Net Weight
Base (B)
(Lbs./gal.)
Accelerator (A)
9.3-9.7
8.2-8.6
11.0-11.4
10.6-11.0
Colour
Base (B)
(Lbs./gal.)
Accelerator (A)
Clear
Amber
White
Grey
Mix Ratio (B:A)
By Volume
By Weight
1:1
1.15:1
1:1
1.06:1
Worklife2
2 gram
@23°C (73°F)
20 gram
80 min.
60 min.
—
90 min.
Technical Data
February, 2016


Similar Part No. - DP190

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
DP1935D6S MTU-DP1935D6S Datasheet
426Kb / 4P
DIESEL POWER MODULE
DP1955D6S MTU-DP1955D6S Datasheet
125Kb / 4P
DIESEL POWER MODULE
More results

Similar Description - DP190

ManufacturerPart #DatasheetDescription
logo
3M Electronics
EC2216 3M-EC2216 Datasheet
31Kb / 9P
Scotch-WeldTM Epoxy Adhesive
Dec-2009
DP125 3M-DP125 Datasheet
228Kb / 7P
Scotch-WeldTM Epoxy Adhesives
Mar 2019
TE031 3M-TE031 Datasheet
319Kb / 6P
Scotch-WeldTM Polyurethane Reactive Adhesives
TE040 3M-TE040 Datasheet
319Kb / 6P
Scotch-WeldTM Polyurethane Reactive Adhesives
DP3501 3M-DP3501 Datasheet
286Kb / 6P
3M Scotch-WeldTM Epoxy Adhesives
Mar-2015
RT09 3M-RT09 Datasheet
392Kb / 6P
Scotch-WeldTM Retaining Compound Anaerobic Adhesives
Nov-2016
2214 3M-2214 Datasheet
552Kb / 11P
Scotch-WeldTM Epoxy Adhesives
Oct-2018
3535 3M-3535 Datasheet
24Kb / 6P
3M Scotch-WeldTM Urethane Adhesives
Jan-2010
EC-2216B 3M-EC-2216B Datasheet
94Kb / 8P
Scotch-WeldTM Epoxy Adhesive
2009
TL22 3M-TL22 Datasheet
363Kb / 6P
Scotch-WeldTM Threadlocker Anaerobic Adhesives
November 2016
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com