Electronic Components Datasheet Search
  English  ▼

X  

DP190 Datasheet(PDF) 6 Page - 3M Electronics

Part # DP190
Description  Scotch-WeldTM Epoxy Adhesives
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP190 Datasheet(HTML) 6 Page - 3M Electronics

  DP190 Datasheet HTML 1Page - 3M Electronics DP190 Datasheet HTML 2Page - 3M Electronics DP190 Datasheet HTML 3Page - 3M Electronics DP190 Datasheet HTML 4Page - 3M Electronics DP190 Datasheet HTML 5Page - 3M Electronics DP190 Datasheet HTML 6Page - 3M Electronics DP190 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3M™ Scotch-Weld™
Epoxy Adhesives
DP190 Translucent and Grey
Surface Preparation
For high strength structural bonds, paint, oxide films, oils, dust, mold release agents
and all other surface contaminants must be completely removed. However, the amount
of surface preparation necessary directly depends on the required bond strength and the
environmental aging resistance desired by the user.
The following cleaning methods are suggested for common surfaces:
Steel:
1. Wipe free of dust with oil-free solvent such as acetone, isopropyl or alcohol
solvents.*
Sandblast or abrade using clean fine grit abrasives.
Wipe again with solvent to remove loose particles.
If a primer is used, it should be applied within 4 hours after surface preparation.
2.
3.
4.
Aluminum:
1. Alkaline Degrease: Oakite 164 solution (9-11 oz./gallon water) at 87°C (190°F) ±
-12°C (10°F) for 10-20 minutes. Rinse immediately in large quantities of cold
running water.*
Acid Etch: Place panels in the following solution for 10 minutes at 65°C (150°F)
± 5°F.*
2.
Sodium Dichromate
Sulfuric Acid, 66°Be
2024-T3 aluminum (dissolved)
Tap water as needed to balance
4.1 - 4.9 oz./gallon
38.5 - 41.5 oz./gallon
0.2 oz./gallon minimum
3.
4.
5.
Rinse: Rinse panels in clear running tap water.
Dry: Air dry 15 minutes; force dry 10 minutes at 65°C (150°F) ± -12°C (10°F).
If primer is to be used, it should be applied within 4 hours after surface preparation.
Plastics/Rubber:
1.
2.
3.
Wipe with isopropyl alcohol.*
Abrade using fine grit abrasives.
Wipe with isopropyl alcohol.*
Glass:
1. Solvent wipe surface using acetone or MEK.*
2. Apply a thin coating (0.0001 in. or less) of 3M™ Scotch-Weld™ Metal Primer
EC3901 or equivalent to the glass surfaces to be bonded and allow the primer to
dry before bonding.
*Note: When using solvents, extinguish all ignition sources, including pilot lights, and
follow manufacturer’s precautions and directions for use.
Application Equipment
Suggestions
For smaller or intermittent applications, the 3M™ EPX Applicator is a convenient
method of application.
For larger applications these products may be applied by use of flow equipment.
Two part meter/mixing/proportioning/dispensing equipment is available for
intermittent or production line use. These systems may be desirable because of their
variable shot size and flow rate characteristics and are adaptable to manyapplications.
- 6 -



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com