Electronic Components Datasheet Search
  English  ▼

X  

DP190 Datasheet(PDF) 5 Page - 3M Electronics

Part # DP190
Description  Scotch-WeldTM Epoxy Adhesives
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP190 Datasheet(HTML) 5 Page - 3M Electronics

  DP190 Datasheet HTML 1Page - 3M Electronics DP190 Datasheet HTML 2Page - 3M Electronics DP190 Datasheet HTML 3Page - 3M Electronics DP190 Datasheet HTML 4Page - 3M Electronics DP190 Datasheet HTML 5Page - 3M Electronics DP190 Datasheet HTML 6Page - 3M Electronics DP190 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3M™ Scotch-Weld™
Epoxy Adhesives
DP190 Translucent and Grey
3M™ EPX™
Pneumatic Applicator
Delivery Rates
200 ml Applicator – Maximum Pressure 58 psi
50 ml Applicator – Maximum Pressure 50 psi
*Tests were run at a temperature of 21°C ± 1°C (70°F ± 2°F) and at maximum applicator pressure.
Handling/Curing
Information
Directions For Use
1. For high strength structural bonds, paints, oxide films, oils, dust, mold release agents
and all other surface contaminants must be completely removed. However, the amount
of surface preparation necessary directly depends on the required bond strength and the
environmental aging resistance desired by the user. For suggested surface preparations
on common substrates, see the section on surface preparation.
Mixing
For Duo Pak Cartridges
3M™ Scotch-Weld™ Epoxy Adhesives DP190 Translucent and DP190 Gray are supplied
in a dual syringe plastic duo-pak cartridge as part of the 3M™ EPX Applicator system. To
use, simply insert the duo-pak cartridge into the EPX applicator and start the plunger into
the cylinders using light pressure on the trigger. Next, remove the duo-pak cartridge cap
and expel a small amount of adhesive to be sure both sides of the duo-pak cartridge are
flowing evenly and freely. If automatic mixing of Part A and Part B is desired, attach the
EPX applicator mixing nozzle to the duo-pak cartridge and begin dispensing the adhesive.
For hand mixing, expel the desired amount of adhesive and mix thoroughly. Mix
approximately 15 seconds after uniform color is obtained.
For Bulk Containers
Mix thoroughly by weight or volume in the proportions specified in the typical uncured
properties section. Mix approximately 15 seconds after uniform colour is obtained.
For maximum bond strength, apply adhesive evenly to both surfaces to be joined.
Application to the substrates should be made within 75 minutes. Larger quantities and/or
higher temperatures will reduce this working time.
Join the adhesive coated surfaces and allow to cure at 16°C (60°F) or above until
completely firm. Heat up to 93°C (200°F) will speed curing. These products will cure in
7 to 14 days @ 24°C (75°F).
Keep parts from moving during cure. Contact pressure necessary. Maximum shear strength
is obtained with a 3-5 mil bondline.
Excess uncured adhesive can be cleaned up with ketone type solvents.*
2.
3.
4.
5.
6.
7.
*Note: When using solvents, extinguish all ignition sources, including pilot lights, and follow
manufacturer’s precautions and directions for use.
Adhesive Coverage (typical): A 0.005 in. thick bondline will yield a coverage of
320 sq. ft./gallon.
- 5 -
Adhesive*
1/4 in. Nozzle
gms/minute
3M™ Scotch-Weld™ Epoxy Adhesive DP190
Translucent
Scotch-Weld epoxy adhesive DP190Grey
Scotch-Weld epoxy adhesive DP190Grey
Scotch-Weld epoxy adhesive DP190 38°C (100°F)
112
16.9
21.5 (nozzle cut back 2 divisions)
41.1
Adhesive*
6mm Nozzle
gms/minute
10mm Nozzle
gms/minute
3M™ Scotch-Weld™ Epoxy Adhesive DP190 Grey
11.9
46.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com