Electronic Components Datasheet Search
  English  ▼

X  

EVI-EM2COMIF Datasheet(PDF) 23 Page - Intel Corporation

Part # EVI-EM2COMIF
Description  Intel짰 Enpirion짰 Power Solutions EM2130x0xQI 30A PowerSoC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EVI-EM2COMIF Datasheet(HTML) 23 Page - Intel Corporation

Back Button EVI-EM2COMIF Datasheet HTML 19Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 20Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 21Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 22Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 23Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 24Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 25Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 26Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
Data Sheet | Intel Enpirion Power Solutions: EM2130
Page 23
Table 12: RTUNE configuration table for EM2130H
Compensator Description
COUT
RTUNE Resistor Multiplication
factor (M)
Typical Deviation
With 15A Load Step
Polymer Aluminum (SP-
CAP) and Ceramic MLCC
Output Capacitors
Base capacitance = 2 x 220µF
(Polymer) + 6 x 47µF
(Ceramic)
Base
0kΩ
1
± 3%
2 x Base
0.392kΩ
2
2.5 x Base
0.576kΩ
2.5
3 x Base
0.787kΩ
3
3.5 x Base
1.000kΩ
3.5
4 x Base
1.240kΩ
4
All MLCC Ceramic Output
Capacitors
Base capacitance = 10 x
100µF
Base
1.500kΩ
1
± 3%
1.5 x Base
1.780kΩ
1.5
2 x Base
2.100kΩ
2
2.5 x Base
2.430kΩ
2.5
2.75 x Base
2.800kΩ
2.75
3 x Base
3.240kΩ
3
Reserved for User
Programmed Compensation
Values
3.740kΩ
4.220kΩ
4.750kΩ
5.360kΩ
6.040kΩ
6.810kΩ
7.680kΩ
8.660kΩ
9.530kΩ
10.500kΩ
11.800kΩ
13.000kΩ
14.300kΩ
15.800kΩ
17.400kΩ
19.100kΩ
21.000 kΩ
23.200 kΩ
12873
April 10, 2020
Rev I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com