Electronic Components Datasheet Search
  English  ▼

X  

EVI-EM2COMIF Datasheet(PDF) 28 Page - Intel Corporation

Part # EVI-EM2COMIF
Description  Intel짰 Enpirion짰 Power Solutions EM2130x0xQI 30A PowerSoC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EVI-EM2COMIF Datasheet(HTML) 28 Page - Intel Corporation

Back Button EVI-EM2COMIF Datasheet HTML 24Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 25Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 26Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 27Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 28Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 29Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 30Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 31Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Data Sheet | Intel Enpirion Power Solutions: EM2130
Page 28
DAC
VFB
VTRACK
+
-
Set-Point
(Defined by lower input value)
Figure 10: VTRACK Circuitry
The following figures demonstrate ratio-metric and simultaneous sequencing of the output voltage, which
can be accomplished by applying an appropriate external voltage on the VTRACK pin. When using the
VTRACK feature, the sequencing will be ratio-metric as shown in Figure 12 if an external resistor network
is used at the VTRACK pin as shown Figure 10. If no external resistors are used, the output sequence is
simultaneous as shown in Figure 13.
In the event that a feedback divider is not required, (such as when VOUT ≤ 1.4V) but the tracking voltage
applied to VTRACK is greater than 1.4V, then a 2kΩ resistor is required in series with the VTRACK pin to
minimize leakage current as shown in Figure 11.
In applications where a voltage divider is required on the output voltage, a voltage divider consisting of the
same values is also required for the VTRACK pin.
Figure 11:
VTRACK Sense Circuitry with Resistor Divider
Figure 12: VTRACK Sense Circuitry (Input > 1.4V)
Figure 13: Ratiometric Sequencing Using VTRACK
t
VTRACK
VOUT
V
12873
April 10, 2020
Rev I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com