Electronic Components Datasheet Search
  English  ▼

X  

EVI-EM2COMIF Datasheet(PDF) 25 Page - Intel Corporation

Part # EVI-EM2COMIF
Description  Intel짰 Enpirion짰 Power Solutions EM2130x0xQI 30A PowerSoC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EVI-EM2COMIF Datasheet(HTML) 25 Page - Intel Corporation

Back Button EVI-EM2COMIF Datasheet HTML 21Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 22Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 23Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 24Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 25Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 26Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 27Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 28Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
Data Sheet | Intel Enpirion Power Solutions: EM2130
Page 25
triggered. The EM2130 also monitors the output voltage with two lower thresholds. If the output voltage is
below the under-voltage warning level and above the under-voltage fault level, an output voltage under-
voltage warning is triggered. If the output voltage falls below the fault level, a fault event is generated.
Similar to output over and under voltage protection, the EM2130 monitors the input voltage at VINSEN
continuously with a configurable threshold. If the input voltage exceeds the over voltage threshold or is
below the under voltage threshold, the default response is generated.
Over Temperature Protection (OTP) is based on direct monitoring of the device’s internal temperature. If
the temperature exceeds the OTP threshold, the device will enter a soft-stop mode slowly ramping the
output voltage down until the temperature falls below the default recovery temperature.
The default fault response is zero delay and latch off for most fault conditions. The CTRL pin may be cycled
to clear the latch. Table 13 summarizes the default configurations that have been pre-programmed to the
device.
Table 14: Fault Configuration Overview
Signal
Fault Level
Default Response Type
Delay (ms)
Retries
Output Over-Voltage
Warning
0
None
Fault
High-impedance
Output Under-Voltage
Warning
0
None
Fault
High-impedance
Input Over-Voltage
Warning
0
None
Fault
High-impedance
Input Under-Voltage
Warning
0
Infinity
Fault
High-impedance
Over-Current
Warning
0
None
Fault
High-impedance
Internal Over-
Temperature
Warning
0
Infinity
Fault
Soft Off
FUNCTIONAL DESCRIPTION: ADVANCED CONFIGURATION
All EM2130 modules are delivered with a pre-programmed default configuration, allowing the module to
be powered up without a need to configure the device or even the need for the GUI to be connected.
However, a PMBus version 1.2 compliant interface allows access to an extensive suite of digital
communication and control commands. This includes configuring the EM2130 for optimum performance,
setting various parameters such as output voltage, and monitoring and reporting device behavior including
output voltage, output current, and fault responses.
The device may be reconfigured multiple times without storing the configuration into the non-volatile
memory (NVM). Any configuration changes will be lost upon power-on reset unless specifically stored into
NVM using either STORE_DEFAULT_ALL or STORE_DEFAULT_CODE PMBus commands. Please see Table
16 for more details.
For RVSET and RTUNE configurations, there is no reprogramming permitted.
After writing a new configuration to NVM, the user may still make changes to the device configuration
through the PMBus interface; however, now upon power cycling the device, the stored NVM configuration
will be recalled upon power-up rather than the factory default configuration of the EM2130.
12873
April 10, 2020
Rev I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com