Electronic Components Datasheet Search
  English  ▼

X  

EVI-EM2COMIF Datasheet(PDF) 32 Page - Intel Corporation

Part # EVI-EM2COMIF
Description  Intel짰 Enpirion짰 Power Solutions EM2130x0xQI 30A PowerSoC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EVI-EM2COMIF Datasheet(HTML) 32 Page - Intel Corporation

Back Button EVI-EM2COMIF Datasheet HTML 28Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 29Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 30Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 31Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 32Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 33Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 34Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 35Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
Data Sheet | Intel Enpirion Power Solutions: EM2130
Page 32
The EM2130 supports the LINEAR data format according to the PMBus specification. Note that in
accordance with the PMBus specification, all commands related to the output voltage are subject to the
VOUT_MODE settings.
A detailed description of the supported PMBus commands supported by the EM2130 can be found in
EM21xx Application Note – PMBus Commands Guide.
TIMING AND BUS SPECIFICATION
P
S
tBUF
tHD:STA
tLOW
tR
tHD:DAT
tHIGH
tF
tSU:DAT
S
P
tSU:STO
tSU:STA
SCL
SDA
Figure 15: PMBus Timing Diagram
Table 15: EM2130 PMBus Parameters
Parameter
Symbol
Conditions
Min
Typ
Max
Units
PMBus operation frequency
fSMB
10
100
400
kHz
Bus free time between start and
stop
tBUF
1.3
μs
Hold time after start condition
tHD:STA
0.6
μs
Repeat start condition setup time
tSU:STA
0.6
μs
Stop condition setup time
tSU:STO
0.6
μs
Data hold time
tHD:DAT
300
ns
Data setup time
tSU:DAT
150*
ns
Clock low time-out
tTIMEOUT
25
35
ms
Clock low period
tLOW
1.3
μs
Clock high period
tHIGH
0.6
μs
Cumulative clock low extend time
tLOW:SEXT
25
ms
Clock or data fall time
tF
300
ns
Clock or data rise time
tR
300
ns
Note: The EM2130 fully complies with PMBus 1.2 specifications for operation up to 100kHz on SCL. The
EM2130 may be operated at frequencies up to at least 400kHz on SCL if tSU:DAT is maintained greater than
150ns.
ADDRESS SELECTION VIA EXTERNAL RESISTORS
The PMBus protocol uses a 7-bit device address to identify different devices connected to the bus. This
address can be selected via external resistors connected to the ADDRx pins.
The resistor values are sensed using the internal ADC during the initialization phase and the appropriate
PMBus address is selected. Note that the respective circuitry is only active during the initialization phase;
hence no DC voltage can be measured at the pins. The supported PMBus addresses and the values of the
respective required resistors are listed in Table 15.
12873
April 10, 2020
Rev I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com