Electronic Components Datasheet Search
  English  ▼

X  

CS98200-EB Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS98200-EB
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200-EB Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS98200-EB Datasheet HTML 14Page - Cirrus Logic CS98200-EB Datasheet HTML 15Page - Cirrus Logic CS98200-EB Datasheet HTML 16Page - Cirrus Logic CS98200-EB Datasheet HTML 17Page - Cirrus Logic CS98200-EB Datasheet HTML 18Page - Cirrus Logic CS98200-EB Datasheet HTML 19Page - Cirrus Logic CS98200-EB Datasheet HTML 20Page - Cirrus Logic CS98200-EB Datasheet HTML 21Page - Cirrus Logic CS98200-EB Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
18
Copyright 2002 Cirrus Logic (All Rights Reserved)
DS581PP2
CS98200
Next Generation DVD Processor
2.2.5
ROM/NVRAM Interface
Symbol
Description
Min
Typ
Max
Unit
trc
Read Cycle Time
75
ns
tcds
CE to Data Setup
80
ns
tods
OE to Data Setup
70
ns
tads
Address to Data Setup
80
ns
taws
Address to WE setup (Write)
64
ns
tcws
CE to WE setup (Write)
64
ns
twp
WE Pulse Width (Write)
160
ns
tcdo
CE to Data Output (Write)
0
ns
tdh
WE to Data Hold (Write)
10
ns
Table 3. RAM/NVROM Characteristics
Figure 12. ROM/NVRAM Reading Timing
NV_C E_N
NV_W E_N
NV_O E_N
(M _A P)
A ddress[22:0]
M _D [7:0]
t
rc
t
ads
t
cds
t
ods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com