Electronic Components Datasheet Search
  English  ▼

X  

CS98200-EB Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS98200-EB
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200-EB Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS98200-EB Datasheet HTML 36Page - Cirrus Logic CS98200-EB Datasheet HTML 37Page - Cirrus Logic CS98200-EB Datasheet HTML 38Page - Cirrus Logic CS98200-EB Datasheet HTML 39Page - Cirrus Logic CS98200-EB Datasheet HTML 40Page - Cirrus Logic CS98200-EB Datasheet HTML 41Page - Cirrus Logic CS98200-EB Datasheet HTML 42Page - Cirrus Logic CS98200-EB Datasheet HTML 43Page - Cirrus Logic CS98200-EB Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
40
Copyright 2002 Cirrus Logic (All Rights Reserved)
DS581PP2
CS98200
Next Generation DVD Processor
42
M_D_10
B8
DRAM Data[10]
B
43
IO_GND
Gnd
IO Ground
44
DIG_GND
Gnd
Digital Ground
45
M_D_9
B8
DRAM Data[9]
B
46
DIG_1V8
Pwr
Digital Power 1.8 V
47
M_D_8
B8
DRAM Data[8]
B
48
M_D_7
B8
DRAM Data[7]
B
49
M_D_6
B8
DRAM Data[6]
B
50
M_D_5
B8
DRAM Data[5]
B
51
M_D_4
B8
DRAM Data[4]
B
52
IO_GND
Gnd
IO Ground
53
M_D_3
B8
DRAM Data[3]
B
54
IO_3V3
Pwr
IO Power 3.3 V
55
M_D_2
B8
DRAM Data[2]
B
56
M_D_1
B8
DRAM Data[1]
B
57
VIN_D_0
B4
Primary Video_In Data[0]
I
(1.) Secondary Video_Out Data[0]
(2.) GPIO_VIS[0]
O
B
58
VIN_D_1
B4
Primary Video_In Data[1]
I
(1.) Secondary Video_Out Data[1]
(2.) GPIO_VIS[1]
O
B
59
VIN_D_2
B4
Primary Video_In Data[2]
I
(1.) Secondary Video_Out Data[2]
(2.) GPIO_VIS[2]
O
B
60
VIN_D_3
B4
Primary Video_In Data[3]
I
(1.) Secondary Video_Out Data[3]
(2.) GPIO_VIS[3]
O
B
61
M_D_0
B8
DRAM Data[0]
B
62
M_DQM_0
B8
DRAM Byte_En[0]
O
63
IO_GND
Gnd
IO Ground
64
M_CKO
O8
DRAM Clock
O
Drc_Clock Eternal Input
I
65
IO_3V3
Pwr
IO Power 3.3 V
66
M_CKE
B8
DRAM Clock Enable
O
67
M_AP
B8
DRAM Auto Precharge
O
NVRAM_OE_N
O
68
M_BS1_N
B8
DRAM BankSel[1]
O
69
M_BS0_N
B8
DRAM BankSel[0]
O
70
M_RAS_N
B8
DRAM Row Strobe
O
Pin #
Pin Name
Type
Primary Function
Dir
Secondary Function(s)
Dir
Table 14. 240-Pin MQFP Pin Assignments (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com