Electronic Components Datasheet Search
  English  ▼

X  

CS98200-EB Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS98200-EB
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200-EB Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS98200-EB Datasheet HTML 37Page - Cirrus Logic CS98200-EB Datasheet HTML 38Page - Cirrus Logic CS98200-EB Datasheet HTML 39Page - Cirrus Logic CS98200-EB Datasheet HTML 40Page - Cirrus Logic CS98200-EB Datasheet HTML 41Page - Cirrus Logic CS98200-EB Datasheet HTML 42Page - Cirrus Logic CS98200-EB Datasheet HTML 43Page - Cirrus Logic CS98200-EB Datasheet HTML 44Page - Cirrus Logic CS98200-EB Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
DS581PP2
Copyright 2002 Cirrus Logic (All Rights Reserved)
41
CS98200
Next Generation DVD Processor
71
M_CAS_N
B8
DRAM Col. Strobe
O
72
IO_GND
Gnd
IO Ground
73
M_WE_N
B8
DRAM Write Enable
O
NVRAM_WE_N
O
74
NV_CE_N
O4
ROM Chip Enable
O
75
IO_3V3
Pwr
IO Power 3.3 V
76
M_A_10
B8
DRAM Address[10]
O
NVRAM Address[10]
O
77
M_A_9
B8
DRAM Address[9]
O
NVRAM Address[9]
O
78
M_A_8
B8
DRAM Address[8]
O
NVRAM Address[8]
O
79
M_A_7
B8
DRAM Address[7]
O
NVRAM Address[7]
O
80
M_A_6
B8
DRAM Address[6]
O
NVRAM Address[6]
O
81
DIG_1V8
Pwr
Digital Power 1.8 V
82
M_A_5
B8
DRAM Address[5]
O
NVRAM Address[5]
O
83
DIG_GND
Gnd
Digital Ground
84
IO_GND
Gnd
IO Ground
85
M_A_4
B8
DRAM Address[4]
O
NVRAM Address[4]
O
86
IO_3V3
Pwr
IO Power 3.3 V
87
M_A_3
B8
DRAM Address[3]
O
NVRAM Address[3]
O
88
M_A_2
B8
DRAM Address[2]
O
NVRAM Address[2]
O
89
M_A_1
B8
DRAM Address[1]
O
NVRAM Address[1]
O
90
M_A_0
B8
DRAM Address[0]
O
NVRAM Address[0]
O
91
NV_D_0
B8
NVRAM Data[0]
B
92
NV_D_1
B8
NVRAM Data[1]
B
93
NV_D_2
B8
NVRAM Data[2]
B
94
NV_D_3
B8
NVRAM Data[3]
B
95
NV_D_4
B8
NVRAM Data[4]
B
96
NV_D_5
B8
NVRAM Data[5]
B
97
IO_GND
Gnd
IO Ground
98
DIG_GND
Gnd
Digital Ground
99
NV_D_6
B8
NVRAM Data[6]
100
DIG_1V8
Pwr
Digital Power 1.8 V
101
NV_D_7
B8
NVRAM Data[7]
Pin #
Pin Name
Type
Primary Function
Dir
Secondary Function(s)
Dir
Table 14. 240-Pin MQFP Pin Assignments (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com