Electronic Components Datasheet Search
  English  ▼

X  

CS98200-EB Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS98200-EB
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200-EB Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS98200-EB Datasheet HTML 28Page - Cirrus Logic CS98200-EB Datasheet HTML 29Page - Cirrus Logic CS98200-EB Datasheet HTML 30Page - Cirrus Logic CS98200-EB Datasheet HTML 31Page - Cirrus Logic CS98200-EB Datasheet HTML 32Page - Cirrus Logic CS98200-EB Datasheet HTML 33Page - Cirrus Logic CS98200-EB Datasheet HTML 34Page - Cirrus Logic CS98200-EB Datasheet HTML 35Page - Cirrus Logic CS98200-EB Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
32
Copyright 2002 Cirrus Logic (All Rights Reserved)
DS581PP2
CS98200
Next Generation DVD Processor
5.10
Video Encoder with Progressive Video
DACs
The CS98200 incorporates an enhanced video
encoder with six 10-bit video DACs that drive
double terminated 75
Ω directly without exter-
nal buffering. These termination resistors
should be located as close as possible to the
CS98200. All analog video outputs should be
connected through filters to video connectors
(TV/Monitor). The video filters should be locat-
ed as close as possible to the video connectors.
Two schottky diodes should be connected to
each output in order to protect the CS98200
from surges caused by being connected and dis-
connected to the external devices. Figure 21
shows the video DAC connections.
Six 10-bit DACs provide two channels for an S-
Video output port, one composite video output,
and three RGB or Y, Pb, Pr outputs. Video out-
put can be formatted to be compatible with
NTSC (M,J), PAL (B, D, G, H, I, M, 60), and 480P.
The video encoder is compliant with both Mac-
rovision 7.1 for the interlaced video (NTSC,
PAL) and 1.03 for the progressive scan (480p).
The video encoder also supports WSS (Wide-
Screen Signaling), CGMS (Copy Generation
Management System), and Closed Caption.
C S 9 8200
CO M P 1 & 2
RS E T 1 & 2
VR E F 1 & 2
Y
C
CV
YG
VR
UB
3. 3V
174
Ω 1%
0. 01uF
0. 01uF
Y out
V i doe Fil t e r
V ideo F ilt er
V ideo F ilt er
V ideo F ilt er
V ideo F ilt er
V ideo F ilt er
C out
C V out
V R out
Y G out
U B out
75
Ω 1%
27 0pF
33 0pF
1. 8u H
22 pF
10uF
Figure 21. Video DAC Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com