Electronic Components Datasheet Search
  English  ▼

X  

LP3980 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP3980
Description  500mA,Ultra-low noise, Small Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3980 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

Back Button LP3980 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 9Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LP3980-00
Jul.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 10
Preliminary Datasheet
LP3980
Applications Information
Like any low-dropout regulator, the external
capacitors used with the LP3980 must be carefully
selected for regulator stability and performance.
Using a capacitor whose value is > 1µF on the
LP3980 input and the amount of capacitance can be
increased without limit. The input capacitor must be
located a distance of not more than 0.5 inch from the
input pin of the IC and returned to a clean analog
ground. Any good quality ceramic or tantalum can be
used for this capacitor. The capacitor with larger
value and lower ESR (equivalent series resistance)
provides better PSRR and line-transient response.
The output capacitor must meet both requirements
for minimum amount of capacitance and ESR in all
LDOs application. The LP3980 is designed
specifically to work with low ESR ceramic output
capacitor
in
space-saving
and
performance
consideration. Using a ceramic capacitor whose
value is at least 1µF with ESR is > 25mΩ on the
LP3980 output ensures stability. The LP3980 still
works well with output capacitor of other types due to
the wide stable ESR range. Figure 1 shows the
curves of allowable ESR range as a function of load
current for various output capacitor values. Output
capacitor of larger capacitance can reduce noise and
improve load transient response, stability, and PSRR.
The output capacitor should be located not more
than 0.5 inch from the VOUT pin of the LP3980 and
returned to a clean analog ground.
Enable Function
The
LP3980
features
an
LDO
regulator
enable/disable function. To assure the LDO regulator
will switch on, the EN turn on control level must be
greater than 1.2 volts. The LDO regulator will go into
the shutdown mode when the voltage on the EN pin
falls below 0.4 volts. For to protecting the system, the
LP3980 have a quick-discharge function. If the
enable function is not needed in a specific
application, it may be tied to VIN to keep the LDO
regulator in a continuously on state.
Thermal Considerations
Thermal protection limits power dissipation in
LP3980. When the operation junction temperature
exceeds 150℃, the OTP circuit starts the thermal
shutdown function turn the pass element off. The
pass element turns on again after the junction
temperature cools by 20℃. For continue operation,
do not exceed absolute maximum operation junction
temperature 125℃.
The power dissipation definition in device is :
PD = (VIN−VOUT) x IOUT + VIN x IQ
The maximum power dissipation depends on the
thermal resistance of IC package, PCB layout, the
rate of surroundings airflow and temperature
difference between junctions to ambient.
The maximum power dissipation can be calculated
by following formula:
PD(MAX) = ( TJ(MAX) − TA ) / θJA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com