Electronic Components Datasheet Search
  English  ▼

X  

LP3980 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP3980
Description  500mA,Ultra-low noise, Small Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3980 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP3980 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LP3980-00
Jul.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 10
Preliminary Datasheet
LP3980
Electrical Characteristics
VIN = VOUT + 1V, CIN = COUT = 1µF , TA = 25℃, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIN
Input Voltage
1.6
5.5
ΔVOUT
Output Voltage Accuracy
IOUT = 1mA
−2
--
+2
%
Imax
Maximum output Current
VEN = VIN, VIN > 2.5V
500
mA
ILIM
Current Limit
RLOAD = 1Ω
650
mA
IQ
Quiescent Current
VEN ≥ 1.2V, IOUT = 0mA
20
μA
VDROP
Dropout Voltage
IOUT = 200mA, VOUT > 2.8V
160
200
mV
IOUT = 300mA, VOUT > 2.8V
240
300
mV
IOUT = 500mA, VOUT > 2.8V
400
500
mV
ΔVLINE
Line Regulation
VIN = (VOUT + 1V) to 5.5V, IOUT = 1mA
0.1
%
ΔVLOAD
Load Regulation
1mA < IOUT < 300mA
0.6
%
ISTBY
Standby Current
VEN = GND, Shutdown
0.01
1
μA
IIBSD
EN Input Bias Current
VEN = GND or VIN
0.01
100
nA
VIL
EN Threshold
Logic-Low
Voltage
VIN = 3V to 5.5V, Shutdown
0.4
V
VIH
Logic-High
Voltage
VIN = 3V to 5.5V, Start-Up
1.4
V
-
Output Noise Voltage
f = 10Hz to 100kHz, IOUT = 0mA
VOUT = 2.8V
100
uVRMS
PSRR
Power Supply
Rejection Rate
f=217Hz
COUT = 1µF, IOUT = 50mA
−80
dB
f=1KHz
−76
dB
TSD
Thermal Shutdown
Temperature
150
℃



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com