Electronic Components Datasheet Search
  English  ▼

X  

LP3980 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP3980
Description  500mA,Ultra-low noise, Small Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3980 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP3980 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LP3980-00
Jul.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 10
Preliminary Datasheet
LP3980
Marking Information
Device
Marking
Package
Shipping
LP3980-12B5F
LP3980
12 YWX
SOT23-5
3K/REEL
LP3980-15B5F
LP3980
15 YWX
SOT23-5
3K/REEL
LP3980-18B5F
LP3980
18 YWX
SOT23-5
3K/REEL
LP3980-25B5F
LP3980
25 YWX
SOT23-5
3K/REEL
LP3980-28B5F
LP3980
28 YWX
SOT23-5
3K/REEL
LP3980-30B5F
LP3980
30 YWX
SOT23-5
3K/REEL
LP3980-33B5F
LP3980
33 YWX
SOT23-5
3K/REEL
LP3980-50B5F
LP3980
50 YWX
SOT23-5
3K/REEL
LP3980-AB5F
LP3980
A YWX
SOT23-5
3K/REEL
LP3980-12B3F
LP3980
12 YWX
SOT23
3K/REEL
LP3980-15B3F
LP3980
15 YWX
SOT23
3K/REEL
Device
Marking
Package
Shipping
LP3980-18B3F
LP3980
18 YWX
SOT23
3K/REEL
LP3980-25B3F
LP3980
25 YWX
SOT23
3K/REEL
LP3980-28B3F
LP3980
28 YWX
SOT23
3K/REEL
LP3980-30B3F
LP3980
30 YWX
SOT23
3K/REEL
LP3980-33B3F
LP3980
33 YWX
SOT23
3K/REEL
LP3980-50B3F
LP3980
50 YWX
SOT23
3K/REEL
LP3980-12QVF
BYW
TDFN-4
12K/REEL
LP3980-18QVF
CYW
TDFN-4
12K/REEL
LP3980-28QVF
HYW
TDFN-4
12K/REEL
LP3980-30QVF
GYW
TDFN-4
12K/REEL
LP3980-33QVF
EYW
TDFN-4
12K/REEL
Marking indication:
Y:Production year W:Production week X: Series Number
Typical Application Circuit
GND
(EN)
(FB)
VIN
VOUT
VIN
EN
VOUT
0.8V
RUP
RDN
1uF
1uF
Note1: Only the SOT23-5 package has an EN pin.
Note2: Only LP3980AB5F has an FB pin. The reference voltage is 0.8V. VOUT = 0.8V × (1 +
RUP
RDN
)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com