Electronic Components Datasheet Search
  English  ▼

X  

LP3980 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3980
Description  500mA,Ultra-low noise, Small Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3980 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3980 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3980 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LP3980-00
Jul.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 10
Preliminary Datasheet
LP3980
500mA,Ultra-low noise, Small Package
Ultra-Fast CMOS LDO Regulator
General Description
The LP3980 is designed for portable RF and wireless
applications demanding performance and space
requirements. The LP3980 performance is optimized
for battery-powered systems to deliver ultra low noise
and low quiescent current. Regulator ground current
increases only slightly in dropout, further prolonging
the battery life. The LP3980 also works with low-ESR
ceramic capacitors, reducing the amount of board
space necessary for power applications, critical in
hand-held wireless devices. The LP3980 consumes
less than 0.01µA in shutdown mode and has fast
turn-on time less than 50µs. The other features include
ultra low dropout voltage, high output accuracy,
current limiting protection, and high ripple rejection
ratio.
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
LCD
DSC Sensor
Wireless Card
Features
1.6V- 5.5V Input Voltage Range
Low Dropout : 240mV @ 300mA
500mA Output Current
High PSSR: -76dB at 1KHz
0.01uA Standby Current When Shutdown
Ultra-Fast Response in Line/Load transient
Current Limiting
Thermal Shutdown Protection
Available in SOT23-5/SOT23/TDFN-4 Package
Order Information
LP3980
F: Pb-Free
Package Type
B5
B3
QV
Output Type
15
18
25
28
30
33
50
A
: 1.5V
: 1.8V
: 2.5V
: 2.8V
: 3.0V
: 3.3V
: 5.0V
: Adj
: SOT23-5
: SOT23
: TDFN-4(1*1)
12 : 1.2V


Similar Part No. - LP3980

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3981 NSC-LP3981 Datasheet
339Kb / 11P
Micropower, 300mA Ultra Low-Dropout CMOS Voltage
logo
Lowpower Semiconductor ...
LP3981 POWER-LP3981 Datasheet
348Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
logo
Texas Instruments
LP3981 TI-LP3981 Datasheet
1Mb / 21P
LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981 TI-LP3981 Datasheet
1Mb / 21P
LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981 TI-LP3981 Datasheet
1Mb / 21P
LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
More results

Similar Description - LP3980

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3981 POWER-LP3981 Datasheet
348Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3982 POWER-LP3982 Datasheet
378Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3984 POWER-LP3984 Datasheet
382Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3983S POWER-LP3983S Datasheet
511Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3989 POWER-LP3989 Datasheet
610Kb / 8P
600mA,Ultra-low noise, Small Package, Ultra-Fast CMOS LDO Regulator
LP3985 POWER-LP3985 Datasheet
307Kb / 7P
300mA,Ultra-low noise, Small Package
LP3990A POWER-LP3990A Datasheet
291Kb / 6P
300mA,Ultra-low noise, Small Package
LP3992 POWER-LP3992 Datasheet
734Kb / 9P
300mA,Ultra-low noise, Small Package
logo
First Silicon Co., Ltd
FESD24VB17-1006 FS-FESD24VB17-1006 Datasheet
262Kb / 4P
Ultra small package
2021. 07. 01 Revision No : 0
logo
Richtek Technology Corp...
RT9065 RICHTEK-RT9065 Datasheet
138Kb / 11P
500mA, Low Dropout, Low Noise, Ultra-Fast Linear Regulator
May 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com