Electronic Components Datasheet Search
  English  ▼

X  

8510 Datasheet(PDF) 4 Page - B&K Precision Corporation

Part # 8510
Description  DC Electronic Loads
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

8510 Datasheet(HTML) 4 Page - B&K Precision Corporation

  8510 Datasheet HTML 1Page - B&K Precision Corporation 8510 Datasheet HTML 2Page - B&K Precision Corporation 8510 Datasheet HTML 3Page - B&K Precision Corporation 8510 Datasheet HTML 4Page - B&K Precision Corporation 8510 Datasheet HTML 5Page - B&K Precision Corporation 8510 Datasheet HTML 6Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.bkprecision.com
DC Electronic Loads
8500 Series
4
C C, CR, C V and C P mode
In Constant Current (CC) mode, the load will
sink a current according to the programmed
current value regardless of the input voltage.
(CC) mode can be used for load regulation
testing of DC power supplies or for characteriz-
ing the discharge profile of a battery.
Constant Power (CP) mode simulates a load
whose power consumption is independent of the
applied voltage. Constant Power (CP) mode is
useful for battery testing and simulating a
realistic discharge curve.
In Constant Voltage (CV) mode, the load will
attempt to sink enough current to control the
source voltage to the programmed value. This
mode is suitable for testing battery chargers.
In Constant Resistance (CR) mode, the load will
sink a current linearly proportional to the input
voltage in accordance with the programmed
Flexible operating modes
L
Remote control & application software
L
resistance. Unlike conventional resistors, the
load resistance stays constant regardless of the
power level.
Transient g ene rator
The 8500 series offers a variable frequency
generator which can be used in all operating
modes. The DC load will toggle between 2
preset levels at a frequency between 0.1 Hz to
1 kHz, either continuously or controlled by a
trigger.
Trigg ere d ope rati on
Triggering is used to allow synchronization of the
DC Load's behavior with other events. You can
generate a trigger event by front panel keystroke,
by applying an external TTL signal to the back
panel terminal or by sending a commands over
the serial bus. The trigger can be used in pulse
mode, transient mode, list mode and works in
CC, CR, CV and CP modes.
The DC loads can be remotely controlled from
any PC with USB interface, allowing the user to
fully program and monitor all parameters. USB to
TTL serial converter cables are included. For
users wanting to write their own custom software,
a set of example programs are available for
download on the B&K Precision website.
List Mode
A list of command sequences can be stored in
non-volatile memory and executed independently
of a computer. Execution in list mode greatly
reduces command processing time and computer
interaction during product testing. The command
sequence can be entered manually from the front
panel or downloaded from a PC via USB
interface.
Appl ication Software
The included Application Software supports front
panel emulation of the load and includes a
battery test application which provides A*hr
rating of a battery and adjustable ending voltage
levels (safety voltage).
Whether you are designing a device with
Nickel-Metal Hydride or Lithium-Ion batteries,
the 8500 series have the capabilities to test their
characteristics.
An example of battery discharge characteristics of an AA alkaline battery.
Model 8500


Similar Part No. - 8510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8510 ETC2-8510 Datasheet
3Mb / 6P
DC Electronic Loads
logo
Heyco.
8510 HEYCO-8510 Datasheet
151Kb / 1P
Heyco-Flex™ Quick Twist Conduit Fittings
8510 HEYCO-8510 Datasheet
143Kb / 1P
Heyco-Flex™ Quick Twist Conduit Fittings
logo
3M Electronics
8510-4500JL 3M-8510-4500JL Datasheet
34Kb / 2P
.100,  .100, Polarized Boardmount Socket
logo
Littelfuse
8510000100 LITTELFUSE-8510000100 Datasheet
93Kb / 1P
Panel Mount, Shocksafe 5x20mm Fuses
More results

Similar Description - 8510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8500 ETC2-8500 Datasheet
3Mb / 6P
DC Electronic Loads
logo
B&K Precision Corporati...
8600 BK-8600 Datasheet
2Mb / 8P
Programmable DC Electronic Loads
logo
TEKTRONIX, INC.
2380 TEKTRONIX-2380 Datasheet
544Kb / 5P
Programmable DC Electronic Loads
logo
List of Unclassifed Man...
BK8500 ETC-BK8500 Datasheet
443Kb / 6P
DC Electronic Loads 8500 series
logo
Teledyne Technologies I...
T3EL15060P TELEDYNE-T3EL15060P Datasheet
215Kb / 4P
T3 EL DC Electronic Loads Data Sheet
logo
Maxim Integrated Produc...
MAX77642EVKIT MAXIM-MAX77642EVKIT Datasheet
2Mb / 23P
On-Board Electronic Loads
319-100635; Rev 0; 11/20
logo
Teledyne Technologies I...
SR75-2 TELEDYNE-SR75-2 Datasheet
204Kb / 2P
DC Loads DC Solid-State Relay
logo
List of Unclassifed Man...
DTL3A ETC1-DTL3A Datasheet
286Kb / 5P
DIGITALLY PROGRAMMABLE, 2A/200V 100WATT, ELECTRONIC LOADS
logo
Murata Manufacturing Co...
DTL-IFB-485 MURATA-DTL-IFB-485 Datasheet
449Kb / 14P
Interface Board for Serial-Input Electronic Loads
logo
List of Unclassifed Man...
DTL22A ETC2-DTL22A Datasheet
78Kb / 4P
Voltage-Controlled, 20 Amp 100 Watt, Electronic Loads
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com