Electronic Components Datasheet Search
  English  ▼

X  

8510 Datasheet(PDF) 5 Page - B&K Precision Corporation

Part # 8510
Description  DC Electronic Loads
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

8510 Datasheet(HTML) 5 Page - B&K Precision Corporation

  8510 Datasheet HTML 1Page - B&K Precision Corporation 8510 Datasheet HTML 2Page - B&K Precision Corporation 8510 Datasheet HTML 3Page - B&K Precision Corporation 8510 Datasheet HTML 4Page - B&K Precision Corporation 8510 Datasheet HTML 5Page - B&K Precision Corporation 8510 Datasheet HTML 6Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.bkprecision.com
DC Electronic Loads
8500 Series
5
Specifications
Models 8500 & 8502 (300 W)
L
Models 8510/8512/8514/8518 (600 W & 1200 W)
L
Models 8520/8522/8524/8526 (2400 W & 5000 W)
L
Parameter
Range
Accuracy
Resolution
8500
8502
CV Mode
Regulation
0.1-18 V
±(0.05%+0.02% FS)
1 mV
0.1 – 120 V
0.1 – 500 V
±(0.05%+0.025% FS)
10 mV
CC Mode
Regulation
0 – 3 A
0 – 3 A
±(0.1%+0.1% FS)
0.1 mA
0 – 30 A
0 – 15 A
±(0.2%+0.15% FS)
1 mA
Current Measurement
0 – 3 A
0 – 3 A
±(0.1% + 0.1% FS)
0.1 mA
0 – 30 A
0 – 15 A
8500: ±(0.2%+0.15% FS)
8502: ±(0.2%+0.3% FS)
1 mA
Voltage Measurement
0-18 V
±(0.02% + 0.02% FS)
1 mV
0-120 V
0 – 500 V
±(0.02% + 0.025% FS)
10 mV
Parameter
8510
8512
8514
8518
Input rating
Voltage
0 – 120 V
0 – 500 V
0 – 120 V
0 – 60 V
Current
0 – 120 A
0 – 30 A
0 – 240 A
0 – 240 A
Power
600 W
1200 W
Parameter
8520
8522
8524
8526
Input rating
Voltage
0 – 120 V
0 – 500 V
0 – 60 V
0 – 500 V
Current
0 – 240 A
0 – 120 A
0 – 240 A
0 – 120 A
Power
2400 W
5000 W
Parameter
8500
8502
Input rating
Voltage
0 – 120 V
0 – 500 V
Current
0 – 30 A
0 – 15 A
Power
300 W
Parameter
Range
Accuracy
Resolution
8510
8512
8514
8518
CV Mode
Regulation
0.1-18 V
±(0.05%+0.02% FS)
1 mV
0.1 V to Vmax
±(0.05%+0.025% FS)
10 mV
CC Mode
Regulation
0-12 A
0-3 A
0-24 A
±(0.1%+0.1% FS)
1 mA
0 – max Current
±(0.2%+0.15% FS)
10 mA
Current
Measurement
0-12 A
0-3 A
0-24 A
±(0.1% + 0.1% FS)
1 mA
0 – max. Current
±(0.2%+0.15% FS)
10 mA
Voltage
Measurement
0 – 18 V
8510/8514: (0.02% + 0.025% FS)
8512/8518: (0.02% + 0.02% FS)
1 mV
0 - Vmax
±(0.02% + 0.025% FS)
10 mV
Parameter
Range
Accuracy
Resolution
8520
8522
8524
8526
CV Mode
Regulation
0.1-18 V
±(0.05%+0.02% FS)
1 mV
0.1 V to Vmax
±(0.05%+0.025% FS)
10 mV
CC Mode
Regulation
0-24 A
0-12 A
0-24 A
0-12 A
±(0.1%+0.1% FS)
1 mA
0 – max Current
±(0.2%+0.15% FS)
10 mA
Current
Measurement
0-24 A
0-12 A
0-24 A
0-12 A
±(0.1% + 0.1% FS)
1 mA
0 – max. Current
±(0.2%+0.15% FS)
10 mA
Voltage
Measurement
0 – 18 V
8522/8526: (0.02% + 0.02% FS)
8520/8524: (0.02% + 0.025% FS)
1 mV
0 - Vmax
±(0.02% + 0.025% FS)
10 mV
Specifications


Similar Part No. - 8510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8510 ETC2-8510 Datasheet
3Mb / 6P
   DC Electronic Loads
logo
Heyco.
8510 HEYCO-8510 Datasheet
151Kb / 1P
   Heyco-Flex™ Quick Twist Conduit Fittings
8510 HEYCO-8510 Datasheet
143Kb / 1P
   Heyco-Flex™ Quick Twist Conduit Fittings
logo
3M Electronics
8510-4500JL 3M-8510-4500JL Datasheet
34Kb / 2P
   .100,  .100, Polarized Boardmount Socket
logo
Littelfuse
8510000100 LITTELFUSE-8510000100 Datasheet
93Kb / 1P
   Panel Mount, Shocksafe 5x20mm Fuses
More results

Similar Description - 8510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8500 ETC2-8500 Datasheet
3Mb / 6P
   DC Electronic Loads
logo
B&K Precision Corporati...
8600 BK-8600 Datasheet
2Mb / 8P
   Programmable DC Electronic Loads
logo
TEKTRONIX, INC.
2380 TEKTRONIX-2380 Datasheet
544Kb / 5P
   Programmable DC Electronic Loads
logo
List of Unclassifed Man...
BK8500 ETC-BK8500 Datasheet
443Kb / 6P
   DC Electronic Loads 8500 series
logo
Teledyne Technologies I...
T3EL15060P TELEDYNE-T3EL15060P Datasheet
215Kb / 4P
   T3 EL DC Electronic Loads Data Sheet
logo
Maxim Integrated Produc...
MAX77642EVKIT MAXIM-MAX77642EVKIT Datasheet
2Mb / 23P
   On-Board Electronic Loads
319-100635; Rev 0; 11/20
logo
Teledyne Technologies I...
SR75-2 TELEDYNE-SR75-2 Datasheet
204Kb / 2P
   DC Loads DC Solid-State Relay
logo
List of Unclassifed Man...
DTL3A ETC1-DTL3A Datasheet
286Kb / 5P
   DIGITALLY PROGRAMMABLE, 2A/200V 100WATT, ELECTRONIC LOADS
logo
Murata Manufacturing Co...
DTL-IFB-485 MURATA-DTL-IFB-485 Datasheet
449Kb / 14P
   Interface Board for Serial-Input Electronic Loads
logo
List of Unclassifed Man...
DTL22A ETC2-DTL22A Datasheet
78Kb / 4P
   Voltage-Controlled, 20 Amp 100 Watt, Electronic Loads
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com