Electronic Components Datasheet Search
  English  ▼

X  

8510 Datasheet(PDF) 2 Page - B&K Precision Corporation

Part # 8510
Description  DC Electronic Loads
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

8510 Datasheet(HTML) 2 Page - B&K Precision Corporation

  8510 Datasheet HTML 1Page - B&K Precision Corporation 8510 Datasheet HTML 2Page - B&K Precision Corporation 8510 Datasheet HTML 3Page - B&K Precision Corporation 8510 Datasheet HTML 4Page - B&K Precision Corporation 8510 Datasheet HTML 5Page - B&K Precision Corporation 8510 Datasheet HTML 6Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.bkprecision.com
DC Electronic Loads
8500 Series
2
Features
I
Constant current (CC), resistance (CR), voltage
(CV) and power (CP) operation
I
Wide voltage and current range, 0 to 500 V, 0
to 240 A (5000 W max)
I
Low minimum operating voltage of < 0.1 V
and minimum input resistance of 5 m
Ω(model
8518) allowing the load to sink high current at
low voltages, required for fuel and solar cell
applications
I
Selected models operate up to 500 V, suitable
for high voltage applications
I
Built-in transient generator
I
Short circuit test
I
Built-in high resolution (0.1 mA/1 mV) voltage
and current measurement (models 8500 &
8502)
I
Bright, easy to read display (VFD technology)
I
Over-Current/Over-Voltage/Over-Power/Over-
Temperature Protection
I
USB to TTL serial converter cables and
application software included
I
List mode operation for increased throughput.
I
Battery testing mode to provide A*hr rating
of battery (ending voltage level is adjustable)
I
Flexible triggering: Create trigger events by
front panel keystroke, back panel TTL signal,
or software
I
Remote voltage sensing to compensate for the
effect of voltage drop in wires.
I
Store 25 instrument setups
I
Thermostatically-controlled fans allow
operation in quiet environments with minimal
disruption
I
All models are rack mountable. Compact 300
W and 600 W models for bench use
Applications:
I
DC power supply testing
I
Characterization of rechargeable batteries. A
battery test mode is provided that will measure
the ampere*hour (A*hr) characteristic of a
battery
I
Fuel and solar cell test
I
High voltage applications
Low voltage operation
The 8500 series can operate well below 1 V
which is important for low voltage application
such as fuel cell and solar cell testing. All models
can regulate (provide a stable input) down to
0.1 V. Model 8518, due to its particularly low
input resistance, can operate at full scale current
of 240 A at 1.2 V (see image)
Typical minimum operating voltage at full scale current:
8500
8502
8510
8512
8514
8518
8520
8522
8524
8526
1.05 V
3 V
1.8 V
3 V
1.92 V
1.2 V
10.8 V
3.6 V
1.56 V
1.8 V


Similar Part No. - 8510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8510 ETC2-8510 Datasheet
3Mb / 6P
   DC Electronic Loads
logo
Heyco.
8510 HEYCO-8510 Datasheet
151Kb / 1P
   Heyco-Flex™ Quick Twist Conduit Fittings
8510 HEYCO-8510 Datasheet
143Kb / 1P
   Heyco-Flex™ Quick Twist Conduit Fittings
logo
3M Electronics
8510-4500JL 3M-8510-4500JL Datasheet
34Kb / 2P
   .100,  .100, Polarized Boardmount Socket
logo
Littelfuse
8510000100 LITTELFUSE-8510000100 Datasheet
93Kb / 1P
   Panel Mount, Shocksafe 5x20mm Fuses
More results

Similar Description - 8510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8500 ETC2-8500 Datasheet
3Mb / 6P
   DC Electronic Loads
logo
B&K Precision Corporati...
8600 BK-8600 Datasheet
2Mb / 8P
   Programmable DC Electronic Loads
logo
TEKTRONIX, INC.
2380 TEKTRONIX-2380 Datasheet
544Kb / 5P
   Programmable DC Electronic Loads
logo
List of Unclassifed Man...
BK8500 ETC-BK8500 Datasheet
443Kb / 6P
   DC Electronic Loads 8500 series
logo
Teledyne Technologies I...
T3EL15060P TELEDYNE-T3EL15060P Datasheet
215Kb / 4P
   T3 EL DC Electronic Loads Data Sheet
logo
Maxim Integrated Produc...
MAX77642EVKIT MAXIM-MAX77642EVKIT Datasheet
2Mb / 23P
   On-Board Electronic Loads
319-100635; Rev 0; 11/20
logo
Teledyne Technologies I...
SR75-2 TELEDYNE-SR75-2 Datasheet
204Kb / 2P
   DC Loads DC Solid-State Relay
logo
List of Unclassifed Man...
DTL3A ETC1-DTL3A Datasheet
286Kb / 5P
   DIGITALLY PROGRAMMABLE, 2A/200V 100WATT, ELECTRONIC LOADS
logo
Murata Manufacturing Co...
DTL-IFB-485 MURATA-DTL-IFB-485 Datasheet
449Kb / 14P
   Interface Board for Serial-Input Electronic Loads
logo
List of Unclassifed Man...
DTL22A ETC2-DTL22A Datasheet
78Kb / 4P
   Voltage-Controlled, 20 Amp 100 Watt, Electronic Loads
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com