Electronic Components Datasheet Search
  English  ▼

X  

8510 Datasheet(PDF) 6 Page - B&K Precision Corporation

Part # 8510
Description  DC Electronic Loads
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

8510 Datasheet(HTML) 6 Page - B&K Precision Corporation

  8510 Datasheet HTML 1Page - B&K Precision Corporation 8510 Datasheet HTML 2Page - B&K Precision Corporation 8510 Datasheet HTML 3Page - B&K Precision Corporation 8510 Datasheet HTML 4Page - B&K Precision Corporation 8510 Datasheet HTML 5Page - B&K Precision Corporation 8510 Datasheet HTML 6Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.bkprecision.com
DC Electronic Loads
8500 Series
6
Common characteristics
L
v0
32318
Standard
Power cord, user manual, installation CD with application software,
USB to TTL serial converter IT-E132B, certificate of calibration and test report
Optional
Rack mount kit IT-E151 for models 8500, 8502, 8510, 8512, 8514 and 8518 only
Model
Dimensions (W x H x D)
Weight
8500
8.46” x 3.46” x 14
.1” (215 mm x 88 mm x 359 mm)
11.5 lb (5.2 kg)
8502
8.46” x 3.46” x 14
.1” (215 mm x 88 mm x 359 mm)
11.5 lb (5.2 kg)
8510
1
7.3” x 3.46” x 18.07” (439.6 mm x 88 mm x 459 mm)
31 lb (14 kg)
8512
17.3” x 3.46” x 18.07” (439.6 mm x 88 mm x 459 mm)
31 lb (14 kg)
8514
17.3” x 3.46” x 18.07” (439.6 mm x 88 mm x 459 mm)
31 lb (14 kg)
8518
17.3” x 3.46” x 18.07” (439.6 mm x 88 mm x 459 mm)
31 lb (14 kg)
8520
17.
64” x 7.28” x 21.19” (448 mm x 185 mm x 538.2 mm)
66 lb (30 kg)
8522
17.64” x 7.28” x 21.19” (448 mm x 185 mm x 538.2 mm)
66 lb (30 kg)
8524
17.
54” x 14.06” x 20.94” (445.5 mm x 357 mm x 532 mm)
148 lb (67 kg)
8526
17.54” x 14.06” x 20.94” (445.5 mm x 357 mm x 532 mm)
148 lb (67 kg)
Parameter
Range
Accuracy
Resolution
CR Mode Regulation
(Input current
≥FS 10%
Input voltage
≥FS 10%)
0.1 -10
Ω
±(1%+0.3% FS)
0.001
Ω
10-99
Ω
±(1%+0.3% FS)
0.01
Ω
100-999
Ω
±(1%+0.3% FS)
0. 1
Ω
1K-4 K
Ω
±(1%+0.8% FS)
1
Ω
CW Mode Regulation
(Input current
≥FS 10%
Input voltage
≥FS 10%)
0-100 W
±(1%+0.1% FS)
1 mW
100 W - max power
±(1%+0.1% FS)
100 mW
Power Measurement
(Input current
≥ FS 10%
Input voltage
≥ FS 10%)
0-100 W
±(1%+0.1% FS)
1 mW
100 W - max power
±(1%+0.1% FS)
100 mW
Other
Battery testing function
Input = 0.1 V – 120 V, Max measurement capacity = 999 Ah
Resolution = 10 mA, Timer range = 1-60000 sec
Transition mode
Range of Frequency 0.1 Hz-1 kHz, Frequency error rate0.5%
* All 8500 series models, with the exception of models 8524 and 8526, can be configured for 110 V or 220 V operation via the AC line switch in the rear
panel. Base models 8524 and 8526 operate with 110 V only. For 220 V operation, order model 8524-220V or 8526-220V respectively. “-220V” denotes
220 V operation only and these models cannot be reconfigured for 110 V operation.
Mechanical specifications
Accessories
AC input
110 / 220 (see note below)* VAC ± 10%, 47 – 63 Hz
Operating temperature
32 ºF - 104 ºF (0 - 40 ºC)
Storage temperature
50 ºF - 140 ºF (10 - 60 ºC)
Humidity
≤ 95% relative humidity, non-condensing
Safety
EN61010-1:2001, EU Low Voltage Directive 73/23/EEC amended by 93/68/EEC
Electromagnetic compatibility
Meets EMC Directive 89/336/EEC amended by 93/68/EEC, EN50081-1, EN50082-1
One-Year Warranty
L
L


Similar Part No. - 8510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8510 ETC2-8510 Datasheet
3Mb / 6P
DC Electronic Loads
logo
Heyco.
8510 HEYCO-8510 Datasheet
151Kb / 1P
Heyco-Flex™ Quick Twist Conduit Fittings
8510 HEYCO-8510 Datasheet
143Kb / 1P
Heyco-Flex™ Quick Twist Conduit Fittings
logo
3M Electronics
8510-4500JL 3M-8510-4500JL Datasheet
34Kb / 2P
.100,  .100, Polarized Boardmount Socket
logo
Littelfuse
8510000100 LITTELFUSE-8510000100 Datasheet
93Kb / 1P
Panel Mount, Shocksafe 5x20mm Fuses
More results

Similar Description - 8510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8500 ETC2-8500 Datasheet
3Mb / 6P
DC Electronic Loads
logo
B&K Precision Corporati...
8600 BK-8600 Datasheet
2Mb / 8P
Programmable DC Electronic Loads
logo
TEKTRONIX, INC.
2380 TEKTRONIX-2380 Datasheet
544Kb / 5P
Programmable DC Electronic Loads
logo
List of Unclassifed Man...
BK8500 ETC-BK8500 Datasheet
443Kb / 6P
DC Electronic Loads 8500 series
logo
Teledyne Technologies I...
T3EL15060P TELEDYNE-T3EL15060P Datasheet
215Kb / 4P
T3 EL DC Electronic Loads Data Sheet
logo
Maxim Integrated Produc...
MAX77642EVKIT MAXIM-MAX77642EVKIT Datasheet
2Mb / 23P
On-Board Electronic Loads
319-100635; Rev 0; 11/20
logo
Teledyne Technologies I...
SR75-2 TELEDYNE-SR75-2 Datasheet
204Kb / 2P
DC Loads DC Solid-State Relay
logo
List of Unclassifed Man...
DTL3A ETC1-DTL3A Datasheet
286Kb / 5P
DIGITALLY PROGRAMMABLE, 2A/200V 100WATT, ELECTRONIC LOADS
logo
Murata Manufacturing Co...
DTL-IFB-485 MURATA-DTL-IFB-485 Datasheet
449Kb / 14P
Interface Board for Serial-Input Electronic Loads
logo
List of Unclassifed Man...
DTL22A ETC2-DTL22A Datasheet
78Kb / 4P
Voltage-Controlled, 20 Amp 100 Watt, Electronic Loads
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com