Electronic Components Datasheet Search
  English  ▼

X  

LP156WF4 Datasheet(PDF) 31 Page - LG Semicon Co.,Ltd.

Part # LP156WF4
Description  15.6??FHD TFT LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP156WF4 Datasheet(HTML) 31 Page - LG Semicon Co.,Ltd.

Back Button LP156WF4 Datasheet HTML 27Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 28Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 29Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 30Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 31Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 32Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 33Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 34Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 35Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
Product Specification
LP156WF4
Liquid Crystal Display
Ver. 1.1
Apr. 17, 2014
31 / 39
9
Check mouse pad (touch pad) depth and shape of edge
Define
1.Mouse pad step is deep, it is caused panel crack by external load.
2. The edge shape must be smooth.
10
Check the step of keyboard area
Define
The step of keyboard at the side edge of main body, it is caused panel crack
OK
NG
Mouse pad
a
[OK] a
≤ 0.3mm
[CO] 0.5mm
≥ a ≥ 0.3mm
[NG] a
≥ 0.5mm
Keyboard
Keyboard
OK
NG
push
crack
push
APPENDIX A. LGD Proposal for system cover design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com