Electronic Components Datasheet Search
  English  ▼

X  

LP156WF4 Datasheet(PDF) 16 Page - LG Semicon Co.,Ltd.

Part # LP156WF4
Description  15.6??FHD TFT LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP156WF4 Datasheet(HTML) 16 Page - LG Semicon Co.,Ltd.

Back Button LP156WF4 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 20Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Product Specification
LP156WF4
Liquid Crystal Display
Ver. 1.1
Apr. 17, 2014
16 / 39
4. Optical Specification
Table 7. OPTICAL CHARACTERISTICS
Ta=25
C, VCC=3.3V, fV=60Hz
FIG. 1 Optical Characteristic Measurement Equipment and Method
LCD Module
Optical Stage(x,y)
Equipment
500mm± 50mm
Optical characteristics are determined after the unit has been
„ON‟ and stable for approximately 20 minutes in
a dark environment at 25C. The values specified are at an approximate distance 50cm from the LCD surface
at a viewing angle of and equal to 0.
FIG. 1 presents additional information concerning the measurement equipment and method.
Parameter
Symbol
Values
Units
Notes
Min
Typ
Max
Contrast Ratio
CR
400
700
-
1
Surface Luminance, white
L
WH
187
220
-
cd/m2
2
Luminance Variation
WHITE (5P)
-
-
80%(Min)
-
3
WHITE(13P)
-
70%
60%(Min)
Response Time
Tr + Tf
-
35
50
ms
4
Color
Coordinates
RED
Rx
Typical
- 0.03
0.580
Typical
+ 0.03
Ry
0.345
GREEN
Gx
0.338
Gy
0.568
BLUE
Bx
0.159
By
0.122
WHITE
Wx
0.313
Wy
0.329
Viewing Angle
x axis, right(
=0)
r
80
-
-
Degree
5
x axis, left (
=180)
l
80
-
-
y axis, up (
=90)
u
80
-
-
y axis, down (
=270)
d
80
-
-
Gray Scale
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com