Electronic Components Datasheet Search
  English  ▼

X  

LP156WF4 Datasheet(PDF) 15 Page - LG Semicon Co.,Ltd.

Part # LP156WF4
Description  15.6??FHD TFT LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP156WF4 Datasheet(HTML) 15 Page - LG Semicon Co.,Ltd.

Back Button LP156WF4 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 19Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
Product Specification
LP156WF4
Liquid Crystal Display
Ver. 1.1
Apr. 17, 2014
15 / 39
Power Supply
VCC
eDP
Display
HPD
from Sink
Sink
Aux CH
Source
Main Link Data
LED on/off Signal
LED_EN
Dimming signal
Of LED B/L
PWM
Power Supply
VLED
10%
90%
3-7. Power Sequence
Table 6. POWER SEQUENCE TABLE
Black Video
Video From Source Black Video
Aux Channel Operational
Idle or off
Valid Video Data
Idle
Link
Training
T
10
T
1
T
2
T
11
T
3
T
4
T
7
T
5
T
6
T
8
T
9
T
12
Enabled
PWM
10%
90%
T
13
T
14
T
16
T
15
T
18
T
17
Note) 1. Do not insert the mating cable when system turn on.
2. Valid Data have to meet “3-3. eDP Signal Timing Specifications”
3. Video Signal, LED_EN and PWM need to be on pull-down condition on invalid status.
4. LGD recommend the rising sequence of VLED after the Vcc and valid status of Video Signal turn on.
Symbol
Required
By
Limits
Units
Notes
Min Max
T
10
Source
0
500
ms
-
T
11
Source
-
10
ms
-
T
12
Source
500
-
ms
T
13
Source
0.5
10
ms
-
T
14
Source
0.5
-
ms
-
T
15
Source
0
-
ms
-
T
16
Source
0
-
ms
-
T
17
Source
0
-
ms
-
T
18
Source
0
-
ms
-
Symbol
Required
By
Limits
Units
Notes
Min Max
T
1
Source
0.5
10
ms
-
T
2
Sink
0
200
ms
-
T
3
Sink
0
200
ms
-
T
4
Source
-
-
ms
-
T
5
Source
-
-
ms
-
T
6
Source
-
-
ms
-
T
7
Sink
0
50
ms
-
T
8
Source
-
-
ms
LGD recommend
Min 200ms
T
9
Source
-
-
ms
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com