Electronic Components Datasheet Search
  English  ▼

X  

LP156WF4 Datasheet(PDF) 37 Page - LG Semicon Co.,Ltd.

Part # LP156WF4
Description  15.6??FHD TFT LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP156WF4 Datasheet(HTML) 37 Page - LG Semicon Co.,Ltd.

Back Button LP156WF4 Datasheet HTML 31Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 32Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 33Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 34Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 35Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 36Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 37Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 38Page - LG Semicon Co.,Ltd. LP156WF4 Datasheet HTML 39Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
Product Specification
LP156WF4
Liquid Crystal Display
Ver. 1.1
Apr. 17, 2014
37 / 39
APPENDIX C. Enhanced Extended Display Identification Data (EEDIDTM)
1/3
Byte
(Dec)
Byte
(Hex)
Field Name and Comments
Value
(Hex)
Value
(Bin)
0
00
Header
00
00000000
1
01
Header
FF
11111111
2
02
Header
FF
11111111
3
03
Header
FF
11111111
4
04
Header
FF
11111111
5
05
Header
FF
11111111
6
06
Header
FF
11111111
7
07
Header
00
00000000
8
08
ID Manufacture Name
LGD
30
00110000
9
09
ID Manufacture Name
E4
11100100
10
0A
ID Product Code
044Fh
4F
01001111
11
0B
( Hex. LSB first )
04
00000100
12
0C
ID Serial No. - Optional ("00h" If not used, Number Only and LSB First)
00
00000000
13
0D
ID Serial No. - Optional ("00h" If not used, Number Only and LSB First)
00
00000000
14
0E
ID Serial No. - Optional ("00h" If not used, Number Only and LSB First)
00
00000000
15
0F
ID Serial No. - Optional ("00h" If not used, Number Only and LSB First)
00
00000000
16
10
Week of Manufacture - Optinal
00 weeks
00
00000000
17
11
Year of Manufacture
2014 years
18
00011000
18
12
EDID structure version # = 1
01
00000001
19
13
EDID revision # = 4
04
00000100
20
14
Video input Definition = Input is a Digital Video signal Interface , Colo Bit Depth : 6 Bits per Primary Color , Digital Video
Interface Standard Supported: DisplayPort is supported
95
10010101
21
15
Horizontal Screen Size (Rounded cm) = 35 cm
23
00100011
22
16
Vertical Screen Size (Rounded cm) = 19 cm
13
00010011
23
17
Display Transfer Characteristic (Gamma) = (gamma*100)-100 = Example:(2.2*100)-100=120
78
01111000
24
18
Feature Support [ Display Power Management(DPM) : Standby Mode is supported, Suspend Mode is not supported,
Active Off = Very Low Power is supported ,Supportted Color Encoding Formats : RGB 4:4:4 & YCrCb 4:4:4 ,Other
Feature Support Flags : No_sRGB, Preferred Timing Mode, No_Display is continuous frequency (Multi-mode_Base
EDID and Extension Block).]
EA
11101010
25
19
Red/Green Low Bits (RxRy/GxGy)
0C
00001100
26
1A
Blue/White Low Bits (BxBy/WxWy)
F5
11110101
27
1B
Red X
Rx = 0.625
A0
10100000
28
1C
Red Y
Ry = 0.355
5B
01011011
29
1D
Green X Gx = 0.335
55
01010101
30
1E
Green Y Gy = 0.570
92
10010010
31
1F
Blue X
Bx = 0.151
26
00100110
32
20
Blue Y
By = 0.050
0C
00001100
33
21
White X Wx = 0.313
50
01010000
34
22
White Y Wy = 0.329
54
01010100
35
23
Established timing 1 ( Optional_00h if not used)
00
00000000
36
24
Established timing 2 ( Optional_00h if not used)
00
00000000
37
25
Manufacturer's timings ( Optional_00h if not used)
00
00000000
38
26
Standard timing ID1 ( Optional_01h if not used)
01
00000001
39
27
Standard timing ID1 ( Optional_01h if not used)
01
00000001
40
28
Standard timing ID2 ( Optional_01h if not used)
01
00000001
41
29
Standard timing ID2 ( Optional_01h if not used)
01
00000001
42
2A
Standard timing ID3 ( Optional_01h if not used)
01
00000001
43
2B
Standard timing ID3 ( Optional_01h if not used)
01
00000001
44
2C
Standard timing ID4 ( Optional_01h if not used)
01
00000001
45
2D
Standard timing ID4 ( Optional_01h if not used)
01
00000001
46
2E
Standard timing ID5 ( Optional_01h if not used)
01
00000001
47
2F
Standard timing ID5 ( Optional_01h if not used)
01
00000001
48
30
Standard timing ID6 ( Optional_01h if not used)
01
00000001
49
31
Standard timing ID6 ( Optional_01h if not used)
01
00000001
50
32
Standard timing ID7 ( Optional_01h if not used)
01
00000001
51
33
Standard timing ID7 ( Optional_01h if not used)
01
00000001
52
34
Standard timing ID8 ( Optional_01h if not used)
01
00000001
53
35
Standard timing ID8 ( Optional_01h if not used)
01
00000001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com