Electronic Components Datasheet Search
  English  ▼

X  

PMS150C Datasheet(PDF) 40 Page - PADAUK Technology.

Part # PMS150C
Description  8bit OTP Type IO Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS150C Datasheet(HTML) 40 Page - PADAUK Technology.

Back Button PMS150C Datasheet HTML 36Page - PADAUK Technology. PMS150C Datasheet HTML 37Page - PADAUK Technology. PMS150C Datasheet HTML 38Page - PADAUK Technology. PMS150C Datasheet HTML 39Page - PADAUK Technology. PMS150C Datasheet HTML 40Page - PADAUK Technology. PMS150C Datasheet HTML 41Page - PADAUK Technology. PMS150C Datasheet HTML 42Page - PADAUK Technology. PMS150C Datasheet HTML 43Page - PADAUK Technology. PMS150C Datasheet HTML 44Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 67 page
background image
PMS150C
8 bit IO-Type Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 40 of 67
PDK-DS-PMS150C-EN-V004 – Jan. 24, 2018
5.10. Power-Save and Power-Down
There are three operational modes defined by hardware: ON mode, Power-Save mode and Power-Down
modes. ON mode is the state of normal operation with all functions ON, Power-Save mode (“stopexe”) is the
state to reduce operating current and CPU keeps ready to continue, Power-Down mode (“stopsys”) is used
to save power deeply. Therefore, Power-Save mode is used in the system which needs low operating power
with wake-up occasionally and Power-Down mode is used in the system which needs power down deeply
with seldom wake-up. Table 3 shows the differences in oscillator modules between Power-Save mode
(“stopexe”) and Power-Down mode (“stopsys”).
Differences in oscillator modules between STOPSYS and STOPEXE
IHRC
ILRC
STOPSYS
Stop
Stop
STOPEXE
No Change
No Change
Table 3: Differences in oscillator modules between STOPSYS and STOPEXE
5.10.1. Power-Save mode (“stopexe”)
Using “stopexe” instruction to enter the Power-Save mode, only system clock is disabled, remaining all the
oscillator modules be active. For CPU, it stops executing; however, for Timer16, counter keep counting if its
clock source is not the system clock. The wake-up sources for “stopexe” can be IO-toggle or Timer16
counts to set values when the clock source of Timer16 is IHRC or ILRC modules. Wake-up from input pins
can be considered as a continuation of normal execution, the detail information for Power-Save mode
shown below:
 IHRC and ILRC oscillator modules: No change, keep active if it was enabled.
 System clock: Disable, therefore, CPU stops execution.
 OTP memory is turned off.
 Timer16, Timer2: Stop counting if system clock is selected by clock source or the corresponding
oscillator module is disabled; otherwise, it keeps counting.
 Wake-up sources: IO toggle in digital mode (PxDIER bit is 1) or Timer16 or Timer2.
The watchdog timer must be disabled before issuing the “stopexe” command, the example is shown as
below:
CLKMD.En_WatchDog
=
0;
// disable watchdog timer
stopexe;
….
// power saving
Wdreset;
CLKMD.En_WatchDog
=
1;
// enable watchdog timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com