Electronic Components Datasheet Search
  English  ▼

X  

PMS150C Datasheet(PDF) 66 Page - PADAUK Technology.

Part # PMS150C
Description  8bit OTP Type IO Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS150C Datasheet(HTML) 66 Page - PADAUK Technology.

Back Button PMS150C Datasheet HTML 59Page - PADAUK Technology. PMS150C Datasheet HTML 60Page - PADAUK Technology. PMS150C Datasheet HTML 61Page - PADAUK Technology. PMS150C Datasheet HTML 62Page - PADAUK Technology. PMS150C Datasheet HTML 63Page - PADAUK Technology. PMS150C Datasheet HTML 64Page - PADAUK Technology. PMS150C Datasheet HTML 65Page - PADAUK Technology. PMS150C Datasheet HTML 66Page - PADAUK Technology. PMS150C Datasheet HTML 67Page - PADAUK Technology.  
Zoom Inzoom in Zoom Outzoom out
 66 / 67 page
background image
PMS150C
8 bit IO-Type Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 66 of 67
PDK-DS-PMS150C-EN-V004 – Jan. 24, 2018
9.2.7. LVR
(1) VDD must reach or above 2.0V for successful power-on process; otherwise IC will be inactive.
(2) The setting of LVR (1.8V ~ 4.0V) will be valid just after successful power-on process.
(3) User can set MISC.2 as “1” to disable LVR. However, VDD must be kept as exceeding the lowest working
voltage of chip; Otherwise IC may work abnormally.
9.2.8. Instructions
(1) There are 79 instructions are provided by PMS150C.
(2) Only single FPPA is built inside the PMS150C, the executing cycles for different instructions are shown as
below:
Instruction
Condition
CPU
goto, call, pcadd, ret, reti
2T
ceqsn, cneqsn, t0sn, t1sn,
dzsn, izsn
Condition is fulfilled
2T
Condition is not fulfilled
1T
idxm
2T
Others
1T
9.2.9. RAM definition
(1)
Bit defined: Only addressed at 0x00 ~ 0x0F
(2)
WORD defined : Only addressed at 0x00 ~ 0x1E
9.2.10. Program writing
There are 6 pins for using the writer to program: PA3, PA4, PA5, PA6, VDD and GND.
Please use PDK3S-P-002 for program real chip and just use the CN38 jumper (at the back for the writer) with
putting the PMS150-S08/DIP8 IC downward three spaces on the Textool . Other packages could be
programmed by connecting the signals correspondingly. All the signals of the left side of the jumpers are the
same and as the descriptions at the left bottom corner. They are VDD, PA0(not used), PA3, PA4, PA5, PA6,
PA7(not used), and GND).
If user use PDK5S-P-003 or above to program, please follow the instructions for connecting jumpers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com