Electronic Components Datasheet Search
  English  ▼

X  

PMS150C Datasheet(PDF) 13 Page - PADAUK Technology.

Part # PMS150C
Description  8bit OTP Type IO Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS150C Datasheet(HTML) 13 Page - PADAUK Technology.

Back Button PMS150C Datasheet HTML 9Page - PADAUK Technology. PMS150C Datasheet HTML 10Page - PADAUK Technology. PMS150C Datasheet HTML 11Page - PADAUK Technology. PMS150C Datasheet HTML 12Page - PADAUK Technology. PMS150C Datasheet HTML 13Page - PADAUK Technology. PMS150C Datasheet HTML 14Page - PADAUK Technology. PMS150C Datasheet HTML 15Page - PADAUK Technology. PMS150C Datasheet HTML 16Page - PADAUK Technology. PMS150C Datasheet HTML 17Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
PMS150C
8 bit IO-Type Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 13 of 67
PDK-DS-PMS150C-EN-V004 – Jan. 24, 2018
Symbol
Description
Min
Typ
Max
Unit
Conditions
tSBP
System boot-up period from
power-on (Fast boot up)
780
780
us
@ VDD =5V
@ VDD =2.5V
System boot-up period from
power-on (Slow boot up)
47
47
ms
@ VDD =5V
@ VDD =2.5V
tWUP
Wake-up time for fast wake-up
(misc.5=1)
32
TILRC
Where TILRC is the clock
period of ILRC
Wake-up time for normal wake-up
(misc.5=0)
2048
TILRC
Where TILRC is the clock
period of ILRC
tRST
External reset pulse width
120
us
@ VDD =5V
CPos
Comparator offset*
±10
±20
mV
CPcm
Comparator input common mode*
0
VDD+1.5
V
CPspt
Comparator response time*
100
500
ns
Both Rising and Falling
CPmc
Stable time to change comparator
mode
2.5
7.5
us
CPcs
Comparator current consumption
20
uA
VDD = 3.3V
*These parameters are for design reference, not tested for every chip.
4.2. Absolute Maximum Ratings
Supply Voltage ……………………………......
2.0V ~ 5.5V (Maximum Rating: 5.5V)
*If VDD over maximum rating, it may lead to a permanent damage of IC.
Input Voltage …………………………………..
-0.3V ~ VDD + 0.3V
Operating Temperature ………………………
-20°C ~ 70°C
Storage Temperature …………………………
-50°C ~ 125°C
Junction Temperature ………………………..
150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com