Electronic Components Datasheet Search
  English  ▼

X  

PMS150C Datasheet(PDF) 37 Page - PADAUK Technology.

Part # PMS150C
Description  8bit OTP Type IO Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS150C Datasheet(HTML) 37 Page - PADAUK Technology.

Back Button PMS150C Datasheet HTML 33Page - PADAUK Technology. PMS150C Datasheet HTML 34Page - PADAUK Technology. PMS150C Datasheet HTML 35Page - PADAUK Technology. PMS150C Datasheet HTML 36Page - PADAUK Technology. PMS150C Datasheet HTML 37Page - PADAUK Technology. PMS150C Datasheet HTML 38Page - PADAUK Technology. PMS150C Datasheet HTML 39Page - PADAUK Technology. PMS150C Datasheet HTML 40Page - PADAUK Technology. PMS150C Datasheet HTML 41Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 67 page
background image
PMS150C
8 bit IO-Type Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 37 of 67
PDK-DS-PMS150C-EN-V004 – Jan. 24, 2018
5.9. Interrupt
There are four interrupt lines for PMS150C:
External interrupt PA0
GPC interrupt
Timer16 interrupt
Timer2 interrupt
Every interrupt request line has its own corresponding interrupt control bit to enable or disable it; the hardware
diagram of interrupt function is shown as Fig. 12. All the interrupt request flags are set by hardware and
cleared by writing intrq register. When the request flags are set, it can be rising edge, falling edge or both,
depending on the setting of register integs. All the interrupt request lines are also controlled by engint
instruction (enable global interrupt) to enable interrupt operation and disgint instruction (disable global
interrupt) to disable it. The stack memory for interrupt is shared with data memory and its address is specified
by stack register sp. Since the program counter is 16 bits width, the bit 0 of stack register sp should be kept 0.
Moreover, user can use pushaf / popaf instructions to store or restore the values of ACC and flag register to
/ from stack memory.
Since the stack memory is shared with data memory, the stack position and level are arranged by the
compiler in Mini-C project. When defining the stack level in ASM project, users should arrange their locations
carefully to prevent address conflicts.
Fig. 12: Hardware diagram of Interrupt controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com