Electronic Components Datasheet Search
  English  ▼

X  

OPA388 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA388
Description  OPA388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA388 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA388 Datasheet HTML 9Page - Texas Instruments OPA388 Datasheet HTML 10Page - Texas Instruments OPA388 Datasheet HTML 11Page - Texas Instruments OPA388 Datasheet HTML 12Page - Texas Instruments OPA388 Datasheet HTML 13Page - Texas Instruments OPA388 Datasheet HTML 14Page - Texas Instruments OPA388 Datasheet HTML 15Page - Texas Instruments OPA388 Datasheet HTML 16Page - Texas Instruments OPA388 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Time (500 ns/div)
VOUT
VIN
C017
Falling output, 4-V Step
Figure 6-31. Large-Signal Step Response
Time (500 ns/div)
VOUT
VIN
C017
Rising output, 4-V step
Figure 6-32. Large-Signal Step Response
Time (500 ns/div)
C017
0.01% Settling = “100µV
0.01% settling = ±100 µV, 1-V positive step
Figure 6-33. Settling Time
Time (500 ns/div)
C017
0.01% Settling = “200µV
0.01% settling = ±200 µV, 1-V negative step
Figure 6-34. Settling Time
0
10
20
30
40
50
60
70
80
90
100
±75
±50
±25
0
25
50
75
100
125
150
Temperature (ƒC)
C001
I
SC, Source
I
SC, Sink
Figure 6-35. Short-Circuit Current vs Temperature
0
1
2
3
4
5
6
7
100
1k
10k
100k
1M
10M
Frequency (Hz)
C001
Maximum output voltage without
slew-rate induced distortion.
V
S = ±2.5V
V
S = ±0.9V
Figure 6-36. Maximum Output Voltage vs
Frequency
www.ti.com
OPA388-Q1
SBOS989 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA388-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com