Electronic Components Datasheet Search
  English  ▼

X  

OPA388 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA388
Description  OPA388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA388 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA388 Datasheet HTML 12Page - Texas Instruments OPA388 Datasheet HTML 13Page - Texas Instruments OPA388 Datasheet HTML 14Page - Texas Instruments OPA388 Datasheet HTML 15Page - Texas Instruments OPA388 Datasheet HTML 16Page - Texas Instruments OPA388 Datasheet HTML 17Page - Texas Instruments OPA388 Datasheet HTML 18Page - Texas Instruments OPA388 Datasheet HTML 19Page - Texas Instruments OPA388 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
7.3 Feature Description
7.3.1 Operating Voltage
The OPA3x88 family of operational amplifiers can be used with single or dual supplies from an operating range
of VS = 2.5 V (±1.25 V) up to 5.5 V (±2.75 V). Supply voltages greater than 7 V can permanently damage the
device (see Section 6.1). Key parameters that vary over the supply voltage or temperature range are shown in
Section 6.6.
7.3.2 Input Voltage and Zero-Crossover Functionality
The OPA388-Q1 input common-mode voltage range extends 0.1 V beyond the supply rails. This amplifier family
is designed to cover the full range without the troublesome transition region found in some other rail-to-rail
amplifiers. Operating a complementary rail-to-rail input amplifier with signals traversing the transition region
results in unwanted non-linear behavior and polluted spectral content. Figure 7-1 and Figure 7-2 contrast the
performance of a traditional complementary rail-to-rail input stage amplifier with the performance of the zero-
crossover OPA388-Q1. Significant harmonic content and distortion is generated during the differential pair
transition (such a transition does not exist in the OPA388-Q1). Crossover distortion is eliminated through the use
of a single differential pair coupled with an internal low-noise charge pump. The OPA388-Q1 maintains noise,
bandwidth, and offset performance throughout the input common-mode range, thus reducing printed circuit
board (PCB) and bill of materials (BOM) complexity through the reduction of power-supply rails.
±20
±15
±10
±5
0
5
10
15
20
±3
±2
±1
0
1
2
3
Input Common-mode Voltage (V)
Complementary Input Stage
OPA388 Zero-Crossover Input Stage
C003
V
CM = ±2.85 V
V
CM = 2.85 V
Figure 7-1. Input Crossover Distortion Nonlinearity
±140
±120
±100
±80
±60
±40
±20
0
10
100
1k
10k
Frequency (Hz)
C004
Traditional Rail-to-Rail
Input Stage
OPA388 Zero-Crossover Input Stage
Figure 7-2. Input Crossover Distortion Spectral
Content
OPA388-Q1
SBOS989 – AUGUST 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA388-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com