Electronic Components Datasheet Search
  English  ▼

X  

OPA388 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA388
Description  OPA388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA388 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA388 Datasheet HTML 13Page - Texas Instruments OPA388 Datasheet HTML 14Page - Texas Instruments OPA388 Datasheet HTML 15Page - Texas Instruments OPA388 Datasheet HTML 16Page - Texas Instruments OPA388 Datasheet HTML 17Page - Texas Instruments OPA388 Datasheet HTML 18Page - Texas Instruments OPA388 Datasheet HTML 19Page - Texas Instruments OPA388 Datasheet HTML 20Page - Texas Instruments OPA388 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Typically, input bias current is approximately ±30 pA. Input voltages exceeding the power supplies, however, can
cause excessive current to flow into or out of the input pins. Momentary voltages greater than the power supply
can be tolerated if the input current is limited to 10 mA. This limitation is easily accomplished with an input
resistor, as shown in Figure 7-3.
IOVERLOAD
10 mA max
5 NŸ
VIN
VOUT
+5V
Current-limiting resistor
required if input voltage
exceeds supply rails by
> 0.3V.
Copyright © 2016, Texas Instruments Incorporated
Figure 7-3. Input Current Protection
7.3.3 Input Differential Voltage
The typical input bias current of the OPA388-Q1 during normal operation is approximately 30 pA. In overdriven
conditions, the bias current can increase significantly. The most common cause of an overdriven condition
occurs when the operational amplifier is outside of the linear range of operation. When the output of the
operational amplifier is driven to one of the supply rails, the feedback loop requirements cannot be satisfied and
a differential input voltage develops across the input pins. This differential input voltage results in activation of
parasitic diodes inside the front-end input chopping switches that combine with 10-kΩ electromagnetic
interference (EMI) filter resistors to create the equivalent circuit shown in Figure 7-4. Notice that the input bias
current remains within specification in the linear region.
CORE
-In
+In
Clamp
100 W
100 W
Copyright © 2016, Texas Instruments Incorporated
Figure 7-4. Equivalent Input Circuit
7.3.4 Internal Offset Correction
The OPA388-Q1 operational amplifier uses an auto-calibration technique with a time-continuous, 200-kHz
operational amplifier in the signal path. This amplifier is zero-corrected every 5 µs using a proprietary technique.
At power-up, the amplifier requires approximately 1 ms to achieve the specified VOS accuracy. This design has
no aliasing or flicker noise.
7.3.5 EMI Susceptibility and Input Filtering
Operational amplifiers vary in susceptibility to EMI. If conducted EMI enters the operational amplifier, the dc
offset at the amplifier output can shift from its nominal value when EMI is present. This shift is a result of signal
rectification associated with the internal semiconductor junctions. Although all operational amplifier pin functions
can be affected by EMI, the input pins are likely to be the most susceptible. The OPA388-Q1 operational
amplifier family incorporates an internal input low-pass filter that reduces the amplifier response to EMI. Both
common-mode and differential-mode filtering are provided by the input filter. The filter is designed for a cutoff
frequency of approximately 20 MHz (–3 dB), with a rolloff of 20 dB per decade.
7.4 Device Functional Modes
The OPA388-Q1 has a single functional mode and is operational when the power-supply voltage is greater than
2.5 V (±1.25 V). The maximum specified power-supply voltage for the OPA388-Q1 is 5.5 V (±2.75 V).
www.ti.com
OPA388-Q1
SBOS989 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA388-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com