Electronic Components Datasheet Search
  English  ▼

X  

TMUX1208 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1208
Description  TMUX1208-Q1 5-V Bidirectional 8:1 Multiplexer with 1.8-V Logic
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1208 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMUX1208 Datasheet HTML 14Page - Texas Instruments TMUX1208 Datasheet HTML 15Page - Texas Instruments TMUX1208 Datasheet HTML 16Page - Texas Instruments TMUX1208 Datasheet HTML 17Page - Texas Instruments TMUX1208 Datasheet HTML 18Page - Texas Instruments TMUX1208 Datasheet HTML 19Page - Texas Instruments TMUX1208 Datasheet HTML 20Page - Texas Instruments TMUX1208 Datasheet HTML 21Page - Texas Instruments TMUX1208 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
8 Detailed Description
8.1 Overview
The TMUX1208-Q1 is an 8:1, single-ended (1-channel), mux. Each channel is turned on or off based on the
state of the address lines and enable pin.
8.2 Functional Block Diagram
TMUX120 8-Q1
A0
A1
A2
EN
S1
D
S2
S3
S4
S5
S6
S7
S8
1-OF-8
DECODER
8.3 Feature Description
8.3.1 Bidirectional Operation
The TMUX1208-Q1 conducts equally well from source (Sx) to drain (D) or from drain (D) to source (Sx). Each
channel has very similar characteristics in both directions and supports both analog and digital signals.
8.3.2 Rail to Rail Operation
The valid signal path input/output voltage for TMUX1208-Q1 ranges from GND to VDD.
8.3.3 1.8 V Logic Compatible Inputs
The TMUX1208-Q1 has 1.8-V logic compatible control for all logic control inputs. The logic input thresholds scale
with supply but still provide 1.8-V logic control when operating at 5.5 V supply voltage. 1.8-V logic level inputs
allows the multiplexers to interface with processors that have lower logic I/O rails and eliminates the need for an
external translator, which saves both space and BOM cost. For more information on 1.8 V logic implementations
refer to Simplifying Design with 1.8 V logic Muxes and Switches
8.3.4 Fail-Safe Logic
The TMUX1208-Q1 has Fail-Safe Logic on the control input pins (EN, A0. A1, A2) allowing for operation up to
5.5 V, regardless of the state of the supply pin. This feature allows voltages on the control pins to be applied
before the supply pin, protecting the device from potential damage. Fail-Safe Logic minimizes system complexity
by removing the need for power supply sequencing on the logic control pins. For example, the Fail-Safe Logic
feature allows the select pins of the TMUX1208-Q1 to be ramped to 5.5 V while VDD = 0 V. Additionally, the
feature enables operation of the multiplexers with VDD = 1.2 V while allowing the select pins to interface with a
logic level of another device up to 5.5 V.
TMUX1208-Q1
SCDS415A – AUGUST 2019 – REVISED JULY 2020
www.ti.com
18
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TMUX1208-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com