Electronic Components Datasheet Search
  English  ▼

X  

TMUX1208 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1208
Description  TMUX1208-Q1 5-V Bidirectional 8:1 Multiplexer with 1.8-V Logic
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1208 Datasheet(HTML) 3 Page - Texas Instruments

  TMUX1208 Datasheet HTML 1Page - Texas Instruments TMUX1208 Datasheet HTML 2Page - Texas Instruments TMUX1208 Datasheet HTML 3Page - Texas Instruments TMUX1208 Datasheet HTML 4Page - Texas Instruments TMUX1208 Datasheet HTML 5Page - Texas Instruments TMUX1208 Datasheet HTML 6Page - Texas Instruments TMUX1208 Datasheet HTML 7Page - Texas Instruments TMUX1208 Datasheet HTML 8Page - Texas Instruments TMUX1208 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
5 Pin Configuration and Functions
1
N.C.
2
S1
3
S2
4
S3
9
S6
10
S5
11
VDD
12
GND
No t to scale
Figure 5-1. RSV Package 16-Pin QFN Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
UQFN
A0
15
I
Address line 0. Controls the switch configuration as shown in Table 8-1.
EN
16
I
Active high logic input. When this pin is low, all switches are turned off. When this pin is high, the A[2:0]
address inputs determine which switch is turned on.
N.C.
1
Not Connected
Not Connected
S1
2
I/O
Source pin 1. Can be an input or output.
S2
3
I/O
Source pin 2. Can be an input or output.
S3
4
I/O
Source pin 3. Can be an input or output.
S4
5
I/O
Source pin 4. Can be an input or output.
D
6
I/O
Drain pin. Can be an input or output.
S8
7
I/O
Source pin 8. Can be an input or output.
S7
8
I/O
Source pin 7. Can be an input or output.
S6
9
I/O
Source pin 6. Can be an input or output.
S5
10
I/O
Source pin 5. Can be an input or output.
VDD
11
P
Positive power supply. This pin is the most positive power-supply potential. For reliable operation,
connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and GND.
GND
12
P
Ground (0 V) reference
A2
13
I
Address line 2. Controls the switch configuration as shown in Table 8-1.
A1
14
I
Address line 1. Controls the switch configuration as shown in Table 8-1.
(1)
I = input, O = output, I/O = input and output, P = power
www.ti.com
TMUX1208-Q1
SCDS415A – AUGUST 2019 – REVISED JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMUX1208-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com