Electronic Components Datasheet Search
  English  ▼

X  

3521 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 3521
Description  SMD POWER RESISTORS AEC-Q200 QUALIFIED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3521 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  3521 Datasheet HTML 1Page - TE Connectivity Ltd 3521 Datasheet HTML 2Page - TE Connectivity Ltd 3521 Datasheet HTML 3Page - TE Connectivity Ltd 3521 Datasheet HTML 4Page - TE Connectivity Ltd 3521 Datasheet HTML 5Page - TE Connectivity Ltd 3521 Datasheet HTML 6Page - TE Connectivity Ltd 3521 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SMD POWER RESISTORS AEC-Q200 QUALIFIED
9-1773463-5 Rev G 02/2020
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Performance Specification:
Characteristics
Limits
Test Methods
Operational life
± %+ .Ω a
125°C, at 35% of operating power, 1000H
. hours ON , . hour OFF .
(MIL-STD-202)
<
Ω
Apply to rate current for 0
Ω
Electrical
Characterisation
.Ω<R≤ .
Ω ±100PPM
Ω
≦R≤ Ω≤± PPM/°C
Ω < R
≦ Ω≤±200PPM/°C
Ω<R
≦10MΩ≤±100PPM/°C
Parametrically test per lot and sample size
requirements, summary to show Min, Max,
Mean and Standard deviation at room as
well as Min and Max operating
temperatures. (User Spec)
External Visual
No Mechanical Damage
Electrical test not required. Inspect device
construction, marking and workmanship
(MIL-STD-883 Method 2009)
Physical
Dimension
Reference 2.0 Dimension
Standards
Verify physical dimensions to the applicable
device detail specification.
Note: User(s) and Suppliers spec. Electrical
test not required.
(JESD22 MH Method JB-100)
Resistance to
Solvent
Marking Unsmeared
Note: Add Aqueous wash chemical
– OKEM
Clean or equivalent.
Do not use banned solvents.
( MIL-STD-202 Method 215)
Terminal Strength
Not broken
Force of 1.8kg for 60 seconds.
(JIS-C-6429)
High Temperature
Exposure
(Storage)
Resistance change rate is
± .%+ . Ω Ma.
1000hrs. @T=155°C.Unpowered.
Measurement at 24±2 hours after test
conclusion.
(MIL-STD-202 Method 108)
<
Ω
Appl to rate urre t for Ω
Temperature
cycling
Resistance change rate is
± .%+ . Ω Ma.
1000 Cycles (-55°C to +155°C). Measurement
at 24±2 hours after test conclusion
(JESD22 Method JA-104)
<
Ω
Appl to rate urre t for Ω
Moisture
Resistance
Resistance change rate is
± .%+ . Ω Ma.
T=24 hours /cycle. Unpowered.
Measurement at 24±2 hours after test
conclusion.
(MIL-STD-202 Method 106)
<
Ω
Appl to rate urre t for Ω
Biased Humidity
Resistance change rate is
± %+ .Ω Ma
10% rated power, 85°C/85%RH, 1000H.
Measurement at 24 hours after test
conclusion.
(MIL-STD-202 Method 103)
<
Ω
Appl to rate urre t for Ω
Mechanical Shock
±(1%+0.1
Ω) max
Wave Form: Tolerance for half sine shock
pulse. Peak
alue is
g’s. Nor al duratio
(D) is 6.
(MIL-STD-202 Method 213)
Vibration
±(1%+0.1
Ω) max
g’s for
i .,
le ea h of
orientations.
Note: Use * PCB.
thi k se ure
points (onone) long side and 2 secure points
at corners of opposite sides. Parts mounted
ithi ’ fro a se ure poi t.
Test from 10-2000Hz.
(MIL-STD-202 Method 204)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com