Electronic Components Datasheet Search
  English  ▼

X  

3521 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # 3521
Description  SMD POWER RESISTORS AEC-Q200 QUALIFIED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3521 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  3521 Datasheet HTML 1Page - TE Connectivity Ltd 3521 Datasheet HTML 2Page - TE Connectivity Ltd 3521 Datasheet HTML 3Page - TE Connectivity Ltd 3521 Datasheet HTML 4Page - TE Connectivity Ltd 3521 Datasheet HTML 5Page - TE Connectivity Ltd 3521 Datasheet HTML 6Page - TE Connectivity Ltd 3521 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SMD POWER RESISTORS AEC-Q200 QUALIFIED
9-1773463-5 Rev G 02/2020
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Performance Specification (continued)
Characteristics
Limits
Test Methods
Thermal Shock
±(1%+0.1
Ω max
-55°C/+155°C
Note: Number of cycles required -300,
Maximum transfer time -20 seconds, Dwell
time -15 minutes. Air-Air.
(MIL-STD-202 Method 107)
<50m
Ω
Apply to rate current for 0
Ω
ESD
±(10%+0.1W)max
With the electrometer in direct contact with
the discharge tip, verify the voltage setting
at levels of
±500V,±1KV, ±2KV, ±4KV, ±8KV,
The electrometer reading shall be within
±10% for voltages from 500V to
≦800V.
(AEC-Q200-002)
Solderability
95% coverage Min.
For both leaded & SMD. Electrical test not
required
Magnification 50X. Conditions:
a) Method B 4hrs at 155°C dry heat, the dip
in bath with 245°C,5s.
b) Method B: at 215°C,5s.
c) Method D: at 260°C, 60s.
( J-STD-002)
Flammability
No ignition of the tissue paper or
scorching of the pinewood board
V-0 or V-1 are acceptable. Electrical test not
required.
(UL-94)
Board Flex
±(1%+0.05W)max
2mm (Min) (JIS-C-6429)
<50mW
Apply to rate current for 0 W
Flame Retardance
No flame
Temperature sensing at 500
฀, Voltage
power subjected to 32VDC current clamped
up to 500ADC and decreased in
1.0VDC/hour.
( AEC-Q200-001)
Resistance to
soldering Heat
± %+ . Ω a.
Condition B No per-heat of samples. Note:
Single Wave Solder-Procedure 2 for SMD
and Procedure 1 for Leaded with solder
within 1.5mm of device body.
(MIL-STD-202 Method 210)
<50mW
Apply to rate current for 0 W
* Sulfuration test: H2S 3~5PPM 50°C
±
2°C 91%~93%RH 1000H
Packaging specification
Embossed Taping:
A
±0.2
B
±0.2
C
±0.05
ØD+0.1
-0
ØD1+0.1
-0
E
±0.1
F
±0.05
G
±0.1
W
±0.2
T ±
0.1
3.50
6.70
2.0
1.5
1.5
1.75
5.5
4.0
12.0
1.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com