Electronic Components Datasheet Search
  English  ▼

X  

3521 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 3521
Description  SMD POWER RESISTORS AEC-Q200 QUALIFIED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3521 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  3521 Datasheet HTML 1Page - TE Connectivity Ltd 3521 Datasheet HTML 2Page - TE Connectivity Ltd 3521 Datasheet HTML 3Page - TE Connectivity Ltd 3521 Datasheet HTML 4Page - TE Connectivity Ltd 3521 Datasheet HTML 5Page - TE Connectivity Ltd 3521 Datasheet HTML 6Page - TE Connectivity Ltd 3521 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SMD POWER RESISTORS AEC-Q200 QUALIFIED
9-1773463-5 Rev G 02/2020
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Key Features
2 Watts at
70°C
Small size to
power ratio
Supplied on
tape
Value marked
on resistor
500 volt
maximum
overload
250 volt
maximum
working
voltage
Terminal finish
matte Sn over
Ni
AEC-Q200
Qualified
Type 3521 Series
TE Connectivity is pleased to announce that our 3521 series high power Thick Film
Chip Resistor is now AEC-Q200 Qualified. This low cost device, suitable for auto
placement in volume, and for most applications, including high frequency
operations, owing to the short lead structure, is attractively priced and available on
7" reels of 4000 pieces.
Characteristics
– Electrical
Power Rating
2W
Resistance Range
0.1
Ω ~ 10MΩ
Tolerance
±1% ±5%
Max. Working Voltage
250V
Max. Overload Voltage
500V
Dielectric Withstanding Voltage
500V
Temperature Range
-55°C
~
+155°C
Ambient Temperature
70°C
Resistors shall have a power rating based on continuous load operation at an
ambient temperature of 70
℃.Fortemperatureinexcessof70℃,Theloadshallbe
derated as shown below:


Similar Part No. - 3521

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3521 UTC-3521 Datasheet
45Kb / 4P
CMOS IC
3521 UTC-3521 Datasheet
230Kb / 5P
PWM CONTROLLER WITH SUPERVISORY CIRCUIT FOR SWITCHING POWER SUPPLY
logo
Lumberg
3521 LUMBERG-3521 Datasheet
109Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3521 LUMBERG-3521 Datasheet
550Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
logo
TE Connectivity Ltd
3521 TEC-3521 Datasheet
264Kb / 7P
SMD POWER RESISTORS AEC-Q200 QUALIFIED
More results

Similar Description - 3521

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM10AIG ABRACON-ABM10AIG Datasheet
5Mb / 4P
AEC-Q200 qualified
12.09.15
logo
Taiyo Yuden (U.S.A.), I...
EMK325B7226KMHP TAIYO-YUDEN-EMK325B7226KMHP Datasheet
289Kb / 2P
AEC-Q200 qualified
LMK212B7475KGHT TAIYO-YUDEN-LMK212B7475KGHT Datasheet
331Kb / 2P
AEC-Q200 qualified
LMK325BJ226KMHP TAIYO-YUDEN-LMK325BJ226KMHP Datasheet
288Kb / 2P
AEC-Q200 qualified
LMK325BJ476MMHP TAIYO-YUDEN-LMK325BJ476MMHP Datasheet
288Kb / 2P
AEC-Q200 qualified
HMJ107AB7222MAHT TAIYO-YUDEN-HMJ107AB7222MAHT Datasheet
286Kb / 2P
AEC-Q200 qualified
logo
YAGEO Corporation
AT0402BRD07 YAGEO-AT0402BRD07 Datasheet
653Kb / 9P
AEC-Q200 qualified
logo
TE Connectivity Ltd
3522 TEC-3522 Datasheet
269Kb / 7P
SMD POWER RESISTORS - AEC-Q200 QUALIFIED
9-1773463-5 TEC-9-1773463-5 Datasheet
264Kb / 7P
SMD POWER RESISTORS AEC-Q200 QUALIFIED
9-1773463-7 TEC-9-1773463-7 Datasheet
269Kb / 7P
SMD POWER RESISTORS ??AEC-Q200 QUALIFIED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com