Electronic Components Datasheet Search
  English  ▼

X  

3521 Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # 3521
Description  SMD POWER RESISTORS AEC-Q200 QUALIFIED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3521 Datasheet(HTML) 6 Page - TE Connectivity Ltd

  3521 Datasheet HTML 1Page - TE Connectivity Ltd 3521 Datasheet HTML 2Page - TE Connectivity Ltd 3521 Datasheet HTML 3Page - TE Connectivity Ltd 3521 Datasheet HTML 4Page - TE Connectivity Ltd 3521 Datasheet HTML 5Page - TE Connectivity Ltd 3521 Datasheet HTML 6Page - TE Connectivity Ltd 3521 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SMD POWER RESISTORS AEC-Q200 QUALIFIED
9-1773463-5 Rev G 02/2020
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Peeling Strength of Top Cover Tape
Test Condition: 0.1 to 0.7 N at a peel-off speed of 300 mm / min.
Reel Dimensions
Tape
Reel
Qty
A ±
0.5
B ±
0.5
C ±
0.5
D ± 1
M ± 2
W ± 1
Embossed
4,000
2
13
21
60
178
13.8
Environment Related Substance
This product complies to EU RoHS directive, EU PAHs directive, EU PFOS
directive and Halogen free.
Ozone layer depleting substances.
Ozone depleting substances are not used in our manufacturing process of this
product.
This product is not manufactured using Chloro fluorocarbons (CFCs),
Hydrochlorofluorocarbons (HCFCs), Hydrobromofluorocarbons (HBFCs) or
other ozone depleting substances in any phase of the manufacturing process.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com