Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA4809 Datasheet(PDF) 4 Page - Microchip Technology

Part # ATMEGA4809
Description  ATmega4809 Curiosity Nano Hardware User Guide
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA4809 Datasheet(HTML) 4 Page - Microchip Technology

  ATMEGA4809 Datasheet HTML 1Page - Microchip Technology ATMEGA4809 Datasheet HTML 2Page - Microchip Technology ATMEGA4809 Datasheet HTML 3Page - Microchip Technology ATMEGA4809 Datasheet HTML 4Page - Microchip Technology ATMEGA4809 Datasheet HTML 5Page - Microchip Technology ATMEGA4809 Datasheet HTML 6Page - Microchip Technology ATMEGA4809 Datasheet HTML 7Page - Microchip Technology ATMEGA4809 Datasheet HTML 8Page - Microchip Technology ATMEGA4809 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
1.
Introduction
1.1
Features
•
ATmega4809-MFR microcontroller
•
One yellow user LED
•
One mechanical user switch
•
One 32.768 kHz crystal
•
Onboard debugger
–
Board identification in Atmel Studio/Microchip MPLAB
® X
–
One green power and status LED
–
Programming and debugging
–
Virtual COM port (CDC)
–
Two logic analyzer channels (DGI GPIO)
•
USB powered
•
Adjustable target voltage
–
MIC5353 LDO regulator controlled by the onboard debugger
–
1.8-5.1V output voltage (limited by USB input voltage)
–
500 mA maximum output current (limited by ambient temperature and output voltage)
1.2
Kit Overview
The Microchip ATmega4809 Curiosity Nano evaluation kit is a hardware platform to evaluate the
Microchip ATmega4809.
Figure 1-1. ATmega4809 Curiosity Nano Evaluation Kit Overview
Micro USB
Connector
Debugger
Power/Status
LED
32.768 kHz
Crystal
User LED
(LED0)
User Switch
(SW0)
ATmega4809
MCU
ATmega4809 Curiosity Nano
Introduction
© 2018 Microchip Technology Inc.
User Guide
DS50002804A-page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com