Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA4809 Datasheet(PDF) 6 Page - Microchip Technology

Part # ATMEGA4809
Description  ATmega4809 Curiosity Nano Hardware User Guide
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA4809 Datasheet(HTML) 6 Page - Microchip Technology

Back Button ATMEGA4809 Datasheet HTML 2Page - Microchip Technology ATMEGA4809 Datasheet HTML 3Page - Microchip Technology ATMEGA4809 Datasheet HTML 4Page - Microchip Technology ATMEGA4809 Datasheet HTML 5Page - Microchip Technology ATMEGA4809 Datasheet HTML 6Page - Microchip Technology ATMEGA4809 Datasheet HTML 7Page - Microchip Technology ATMEGA4809 Datasheet HTML 8Page - Microchip Technology ATMEGA4809 Datasheet HTML 9Page - Microchip Technology ATMEGA4809 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
3.
Curiosity Nano
Curiosity Nano is an evaluation platform that provides a set of small boards with access to most of the
microcontrollers I/Os. The platform consists of a series of low pin-count microcontroller (MCU) boards,
which are integrated with Atmel Studio/Microchip MPLAB
® X to present relevant user guides, application
notes, data sheets, and example code. The platform features a Virtual COM port (CDC) for serial
communication to a host PC and a Data Gateway Interface (DGI) GPIO.
3.1
Onboard Debugger
ATmega4809 Curiosity Nano contains an onboard debugger for programming and debugging. The
onboard debugger is a composite USB device of several interfaces: a debugger, a mass storage device,
a data gateway, and a Virtual COM port (CDC).
Together with Atmel Studio/Microchip MPLAB
® X, the onboard debugger interface can program and
debug the ATmega4809.
A Data Gateway Interface (DGI) is available for use with the logic analyzer channels for code
instrumentation, to visualize program flow. DGI GPIOs can be graphed using the Data Visualizer.
The Virtual COM port is connected to a UART on the ATmega4809 and provides an easy way to
communicate with the target application through terminal software.
The onboard debugger controls one Power and Status LED (marked PS) on the ATmega4809 Curiosity
Nano board. The table below shows how the LED is controlled in different operation modes.
Table 3-1. Onboard Debugger LED Control
Operation Mode
Status LED
Boot loader mode
LED blink at 1 Hz during power up.
Power-up
LED is lit - constant.
Normal operation
LED is lit - constant.
Programming
Activity indicator; the LED flashes slowly during
programming/debugging.
Fault
The LED flashes fast if a power fault is detected.
Sleep/Off
LED is off. The onboard debugger is either in Sleep
mode or powered down. This can occur if the kit is
externally powered.
3.1.1
Virtual COM Port
A general purpose USB serial bridge between a host PC and a target device.
3.1.1.1
Overview
The debugger implements a composite USB device that includes a standard Communications Device
Class (CDC) interface, which appears on the host as a Virtual COM Port. The CDC can be used to
stream arbitrary data in both directions between the host and the target: characters sent from the host will
appear in UART form on the CDC TX pin, and UART characters sent into the CDC RX pin will be sent
back to the host.
ATmega4809 Curiosity Nano
Curiosity Nano
© 2018 Microchip Technology Inc.
User Guide
DS50002804A-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com