Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA4809 Datasheet(PDF) 5 Page - Microchip Technology

Part # ATMEGA4809
Description  ATmega4809 Curiosity Nano Hardware User Guide
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA4809 Datasheet(HTML) 5 Page - Microchip Technology

  ATMEGA4809 Datasheet HTML 1Page - Microchip Technology ATMEGA4809 Datasheet HTML 2Page - Microchip Technology ATMEGA4809 Datasheet HTML 3Page - Microchip Technology ATMEGA4809 Datasheet HTML 4Page - Microchip Technology ATMEGA4809 Datasheet HTML 5Page - Microchip Technology ATMEGA4809 Datasheet HTML 6Page - Microchip Technology ATMEGA4809 Datasheet HTML 7Page - Microchip Technology ATMEGA4809 Datasheet HTML 8Page - Microchip Technology ATMEGA4809 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
2.
Getting Started
2.1
Curiosity Nano Quick Start
Steps to start exploring the Microchip Curiosity Nano platform:
1.
Download Atmel Studio/Microchip MPLAB
® X.
2.
Launch Atmel Studio/Microchip MPLAB
® X.
3.
Connect a USB cable (Standard-A to Micro-B or Micro-AB) between the PC and the debug USB
port on the kit.
When the Curiosity Nano kit is connected to your computer for the first time, the operating system will
perform a driver software installation. The driver file supports both 32- and 64-bit versions of Microsoft
®
Windows
® XP, Windows Vista®, Windows 7, Windows 8, and Windows 10. The drivers for the kit are
included with Atmel Studio/Microchip MPLAB
® X.
Once the Curiosity Nano board is powered the green status LED will be lit and Atmel Studio/Microchip
MPLAB
® X will auto-detect which Curiosity Nano board is connected. Atmel Studio/Microchip MPLAB® X
will present relevant information like data sheets and kit documentation. The ATmega4809 device is
programmed by the onboard debugger and therefore no external programmer tool is required.
2.2
Design Documentation and Relevant Links
The following list contains links to the most relevant documents and software for the ATmega4809
Curiosity Nano.
•
MPLAB
® X IDE - MPLAB® X IDE is a software program that runs on a PC (Windows®, Mac OS®,
Linux
®) to develop applications for Microchip microcontrollers and digital signal controllers. It is
called an Integrated Development Environment (IDE) because it provides a single integrated
"environment" to develop code for embedded microcontrollers.
•
Atmel Studio - Free IDE for the development of C/C++ and assembler code for microcontrollers.
•
IAR Embedded Workbench
® for AVR® - This is a commercial C/C++ compiler that is available for
8-bit AVR. There is a 30-day evaluation version as well as a 4 KB code-size-limited kick-start
version available from their website.
•
Atmel START - Atmel START is an online tool that helps the user to select and configure software
components and tailor your embedded application in a usable and optimized manner.
•
Microchip Sample Store - Microchip sample store where you can order samples of devices.
•
Data Visualizer - Data Visualizer is a program used for processing and visualizing data. The Data
Visualizer can receive data from various sources such as the EDBG Data Gateway Interface found
on Curiosity Nano and Xplained Pro boards and COM Ports.
•
ATmega4809 Curiosity Nano website - Kit information, latest user guide and design
documentation.
•
ATmega4809 Curiosity Nano on Microchip Direct - Purchase this kit on Microchip Direct.
ATmega4809 Curiosity Nano
Getting Started
© 2018 Microchip Technology Inc.
User Guide
DS50002804A-page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com