Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA4809 Datasheet(PDF) 8 Page - Microchip Technology

Part # ATMEGA4809
Description  ATmega4809 Curiosity Nano Hardware User Guide
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA4809 Datasheet(HTML) 8 Page - Microchip Technology

Back Button ATMEGA4809 Datasheet HTML 4Page - Microchip Technology ATMEGA4809 Datasheet HTML 5Page - Microchip Technology ATMEGA4809 Datasheet HTML 6Page - Microchip Technology ATMEGA4809 Datasheet HTML 7Page - Microchip Technology ATMEGA4809 Datasheet HTML 8Page - Microchip Technology ATMEGA4809 Datasheet HTML 9Page - Microchip Technology ATMEGA4809 Datasheet HTML 10Page - Microchip Technology ATMEGA4809 Datasheet HTML 11Page - Microchip Technology ATMEGA4809 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
frames, not bytes. A maximum of 4 x 64-byte frames can be active at any time, the debugger will throttle
the incoming frames accordingly. Sending full 64-byte frames containing data is the most efficient.
When receiving data from the target, the debugger will queue up incoming bytes into 64-byte frames,
which are sent to the USB queue for transmission to the host when they are full. Incomplete frames are
also pushed to the USB queue at approximately 100 ms intervals, triggered by USB start-of-frame tokens.
Up to 8 x 64-byte frames can be active at any time. If the host, or software running on it, fails to receive
data fast enough, an overrun will occur. When this happens the last-filled buffer frame will be recycled
instead of being sent to the USB queue, and a full frame of data will be lost. To prevent this occurrence,
the user must ensure that the CDC data pipe is being read continuously, or the incoming data rate must
be reduced.
3.1.2
Mass Storage Disk
A simple way to program the target device through drag and drop with .hex-files.
3.1.2.1
Mass Storage Device
The debugger implements a highly optimized variant of the FAT12 file-system that has a number of
limitations, partly due to the nature of FAT12 itself, and partly due to optimizations made to fulfill its
purpose in this development kit.
The CURIOSITY drive is USB Chapter 9 compliant as a mass storage device but does not in any way
fulfill the expectations of a general purpose mass storage device. This behavior is intentional.
The debugger enumerates as a Curiosity Nano USB device that can be found in the disk drives section of
the Windows device manager. The CURIOSITY drive appears in the file manager and claims the next
available drive letter in the system.
The CURIOSITY drive contains approximately 1 MB of free space. This does not reflect the size of the
target device's flash in any way. When programming a hex file, the binary data is encoded in ASCII with
metadata providing a large overhead, so 1 MB is a trivially chosen value for disk size.
It is not possible to format the CURIOSITY drive. When programming a file to the target, the filename may
appear in the disk directory listing - this is merely the operating system's view of the directory, which, in
reality, has not been updated. It is not possible to read out the file contents. Removing and replugging the
kit will return the file system to its original state, but the target will still contain the application that has
been previously programmed.
To erase the target device, simply copy a text file starting with "CMD:ERASE" onto the disk.
By default the CURIOSITY drive contains several read-only files for generating icons as well as reporting
status and linking to further information:
•
AUTORUN.ICO - Icon file for the Microchip logo.
•
AUTORUN.INF - System file required for Windows Explorer to show the icon file.
•
KIT-INFO.HTM - Redirect to the development board web site.
•
KIT-INFO.TXT - A text file containing details about the kit firmware, name, serial number, and
device.
•
STATUS.TXT - A text file containing the programming status of the board.
Info:  When STATUS.TXT is updated by the debugger dynamically, the contents may be
cached by the OS and not reflect the correct status.
ATmega4809 Curiosity Nano
Curiosity Nano
© 2018 Microchip Technology Inc.
User Guide
DS50002804A-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com