Electronic Components Datasheet Search
  English  ▼

X  

FT232RL Datasheet(PDF) 29 Page - Future Technology Devices International Ltd.

Part # FT232RL
Description  Single chip USB to asynchronous serial data transfer interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RL Datasheet(HTML) 29 Page - Future Technology Devices International Ltd.

Back Button FT232RL Datasheet HTML 25Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 26Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 27Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 28Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 29Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 30Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 31Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 32Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 33Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
Copyright © Future Technology Devices International Limited
29
FT232R USB UART IC Datasheet
Version 2.16
Document No.: FT_000053 Clearance No.: FTDI# 38
7.6 Using the External Oscillator
The FT232R defaults to operating using its own internal oscillator. This requires that the device is
powered with VCC(min)=+4.0V. This supply voltage can be taken from the USB VBUS. Applications which
require using an external oscillator, VCC= +3.3V, must do so in the following order:
1. When device powered for the very first time, it must have VCC > +4.0V. This supply is available
from the USB VBUS supply = +5.0V.
2. The EEPROM must then be programmed to enable external oscillator. This EEPROM modification
cannot be done using the FTDI programming utility, FT_PROG. The EEPROM can only be re-
configured from a custom application. Please refer to the following applications note on how to do
this:
AN_100_Using_The_FT232_245R_With_External_Osc
3. The FT232R can then be powered from VCC=+3.3V and an external oscillator. This can be done
using a link to switch the VCC supply.
The FT232R will fail to operate when the internal oscillator has been disabled, but no external oscillator
has been connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com