Electronic Components Datasheet Search
  English  ▼

X  

FT232RL Datasheet(PDF) 34 Page - Future Technology Devices International Ltd.

Part # FT232RL
Description  Single chip USB to asynchronous serial data transfer interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RL Datasheet(HTML) 34 Page - Future Technology Devices International Ltd.

Back Button FT232RL Datasheet HTML 30Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 31Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 32Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 33Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 34Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 35Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 36Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 37Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 38Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
Copyright © Future Technology Devices International Limited
34
FT232R USB UART IC Datasheet
Version 2.16
Document No.: FT_000053 Clearance No.: FTDI# 38
10 Alternative Parts
The following lists of parts are not all direct drop in replacements but offer similar features as an
alternative to the FT232R. The FT-X series is the latest device family offering reduced power and pin
count with additional features such as battery charge detection, while the Hi-Speed solution offers faster
interfacing.
FT232R
FT234XD
FT230X
FT231X
FT232H
Description
Single
channel USB
to UART with
full modem
control lines
Single channel
USB to Basic
UART
Single channel
USB to Basic
UART
Single channel
USB to UART
with full modem
control lines
Single channel
USB to UART
with full modem
control lines
USB Speed
USB 2.0 full
speed
USB 2.0 full
speed
USB 2.0 full
speed
USB 2.0 full
speed
USB 2.0 hi-
speed
UART Data
Rates
3 MBaud
3 MBaud
3 MBaud
3 MBaud
12 MBaud
CBUS
5
1
4
4
10
MTP for
storing
descriptors
Internal
Internal
Internal
Internal
External
Package
options
32 pin QFN
28 pin SSOP
12 pin DFN
(3mm x 3mm)
16 pin QFN
16 pin SSOP
20 pin QFN
20 pin SSOP
48 pin QFN
48 pin LQFP
Datasheet
FT232R
FT234XD
FT230X
FT231X
FT232H
Table 10.1 FT232R alternative solutions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com