Electronic Components Datasheet Search
  English  ▼

X  

K64F Datasheet(PDF) 16 Page - NXP Semiconductors

Part # K64F
Description  120 MHz ARM짰 Cortex짰-M4-based Microcontroller with FPU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K64F Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button K64F Datasheet HTML 12Page - NXP Semiconductors K64F Datasheet HTML 13Page - NXP Semiconductors K64F Datasheet HTML 14Page - NXP Semiconductors K64F Datasheet HTML 15Page - NXP Semiconductors K64F Datasheet HTML 16Page - NXP Semiconductors K64F Datasheet HTML 17Page - NXP Semiconductors K64F Datasheet HTML 18Page - NXP Semiconductors K64F Datasheet HTML 19Page - NXP Semiconductors K64F Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 85 page
background image
All Peripheral Clk Gates
ALLOFF
ALLON
Clk Ratio
Core-Bus-Flash
Core Freq (MHz)
Very Low Power Run (VLPR) Current vs Core Frequency
1.40E-03
'1-1-1
'1-1-2
1
'1-1-2
'1-1-4
'1-2-4
2
'1-1-4
'1-2-4
4
000.00E+00
200.00E-06
400.00E-06
600.00E-06
800.00E-06
1.00E-03
1.20E-03
Temp (C)=25, VDD=3.6V, CACHE=ENABLE, Code Residence=Flash
Figure 4. VLPR mode supply current vs. core frequency
2.2.6 EMC radiated emissions operating behaviors
Table 8. EMC radiated emissions operating behaviors
Symbol
Description
Frequency
band
(MHz)
Typ.
Unit
Notes
144 LQFP
VRE1
Radiated emissions voltage, band 1
0.15–50
16
dBμV
1, 2
VRE2
Radiated emissions voltage, band 2
50–150
22
dBμV
VRE3
Radiated emissions voltage, band 3
150–500
21
dBμV
VRE4
Radiated emissions voltage, band 4
500–1000
16
dBμV
VRE_IEC
IEC level
0.15–1000
L
—
2, 3
1. Determined according to IEC Standard 61967-1, Integrated Circuits - Measurement of Electromagnetic Emissions, 150
kHz to 1 GHz Part 1: General Conditions and Definitions and IEC Standard 61967-2, Integrated Circuits - Measurement
of Electromagnetic Emissions, 150 kHz to 1 GHz Part 2: Measurement of Radiated Emissions—TEM Cell and
General
16
Kinetis K64F Sub-Family Data Sheet, Rev. 7, 11/2016
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com