Electronic Components Datasheet Search
  English  ▼

X  

K64F Datasheet(PDF) 3 Page - NXP Semiconductors

Part # K64F
Description  120 MHz ARM짰 Cortex짰-M4-based Microcontroller with FPU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K64F Datasheet(HTML) 3 Page - NXP Semiconductors

  K64F Datasheet HTML 1Page - NXP Semiconductors K64F Datasheet HTML 2Page - NXP Semiconductors K64F Datasheet HTML 3Page - NXP Semiconductors K64F Datasheet HTML 4Page - NXP Semiconductors K64F Datasheet HTML 5Page - NXP Semiconductors K64F Datasheet HTML 6Page - NXP Semiconductors K64F Datasheet HTML 7Page - NXP Semiconductors K64F Datasheet HTML 8Page - NXP Semiconductors K64F Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 85 page
background image
Memories and Memory Interfaces
Program
flash
RAM
12-bit DAC
x2
6-bit DAC
x3
CRC
Analog
Timers
Communication Interfaces
Security
and Integrity
SPI
x3
FlexMemory
Clocks
Frequency-
Core
Debug
interfaces
DSP
Interrupt
controller
comparator
x3
Analog
Voltage
reference
Secure
Digital
Low power
timer
Human-Machine
Interface (HMI)
GPIO
System
protection
Memory
DMA
Internal
watchdogs
and external
Low-leakage
wakeup
locked loop
Serial
programming
interface
Phase-
locked loop
reference
Internal
clocks
Programmable
delay block
timers
interrupt
Periodic
External
bus
real-time
Independent
clock
oscillators
Low/high
frequency
UART
x6
®
Cortex™-M4
ARM
Kinetis K64 Family
USB charger
detect
USB voltage
regulator
USB OTG
LS/FS
USB LS/FS
transceiver
I
S
2
Floating-
point unit
x3
I
C
2
Timers
x2 (8ch)
x2 (2ch)
CAN
x1
IEEE 1588
Timers
Ethernet
IEEE 1588
Hardware
encryption
number
Random
generator
16-bit ADC
x2
Figure 1. K64 block diagram
Kinetis K64F Sub-Family Data Sheet, Rev. 7, 11/2016
3
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com