Electronic Components Datasheet Search
  English  ▼

X  

K64F Datasheet(PDF) 70 Page - NXP Semiconductors

Part # K64F
Description  120 MHz ARM짰 Cortex짰-M4-based Microcontroller with FPU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K64F Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button K64F Datasheet HTML 66Page - NXP Semiconductors K64F Datasheet HTML 67Page - NXP Semiconductors K64F Datasheet HTML 68Page - NXP Semiconductors K64F Datasheet HTML 69Page - NXP Semiconductors K64F Datasheet HTML 70Page - NXP Semiconductors K64F Datasheet HTML 71Page - NXP Semiconductors K64F Datasheet HTML 72Page - NXP Semiconductors K64F Datasheet HTML 73Page - NXP Semiconductors K64F Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 85 page
background image
144
LQFP
144
MAP
BGA
121
XFB
GA
100
LQFP
Pin Name
Default
ALT0
ALT1
ALT2
ALT3
ALT4
ALT5
ALT6
ALT7
EzPort
38
L3
K5
27
DAC0_
OUT/
CMP1_IN3/
ADC0_
SE23
DAC0_
OUT/
CMP1_IN3/
ADC0_
SE23
DAC0_
OUT/
CMP1_IN3/
ADC0_
SE23
39
L4
K4
—
DAC1_
OUT/
CMP0_IN4/
CMP2_IN3/
ADC1_
SE23
DAC1_
OUT/
CMP0_IN4/
CMP2_IN3/
ADC1_
SE23
DAC1_
OUT/
CMP0_IN4/
CMP2_IN3/
ADC1_
SE23
40
M7
L4
28
XTAL32
XTAL32
XTAL32
41
M6
L5
29
EXTAL32
EXTAL32
EXTAL32
42
L6
K6
30
VBAT
VBAT
VBAT
43
—
—
—
VDD
VDD
VDD
44
—
—
—
VSS
VSS
VSS
45
M4
H5
31
PTE24
ADC0_
SE17
ADC0_
SE17
PTE24
UART4_TX
I2C0_SCL
EWM_
OUT_b
46
K5
J5
32
PTE25
ADC0_
SE18
ADC0_
SE18
PTE25
UART4_RX
I2C0_SDA
EWM_IN
47
K4
H6
33
PTE26
DISABLED
PTE26
ENET_
1588_
CLKIN
UART4_
CTS_b
RTC_
CLKOUT
USB_
CLKIN
48
J4
—
—
PTE27
DISABLED
PTE27
UART4_
RTS_b
49
H4
—
—
PTE28
DISABLED
PTE28
50
J5
J6
34
PTA0
JTAG_
TCLK/
SWD_CLK/
EZP_CLK
PTA0
UART0_
CTS_b/
UART0_
COL_b
FTM0_CH5
JTAG_
TCLK/
SWD_CLK
EZP_CLK
51
J6
H8
35
PTA1
JTAG_TDI/
EZP_DI
PTA1
UART0_RX FTM0_CH6
JTAG_TDI
EZP_DI
52
K6
J7
36
PTA2
JTAG_
TDO/
TRACE_
SWO/
EZP_DO
PTA2
UART0_TX FTM0_CH7
JTAG_
TDO/
TRACE_
SWO
EZP_DO
53
K7
H9
37
PTA3
JTAG_
TMS/
SWD_DIO
PTA3
UART0_
RTS_b
FTM0_CH0
JTAG_
TMS/
SWD_DIO
54
L7
J8
38
PTA4/
LLWU_P3
NMI_b/
EZP_CS_b
PTA4/
LLWU_P3
FTM0_CH1
NMI_b
EZP_CS_b
55
M8
K7
39
PTA5
DISABLED
PTA5
USB_
CLKIN
FTM0_CH2 RMII0_
RXER/
MII0_RXER
CMP2_OUT I2S0_TX_
BCLK
JTAG_
TRST_b
56
E7
E5
40
VDD
VDD
VDD
57
G7
G3
41
VSS
VSS
VSS
Pinout
70
Kinetis K64F Sub-Family Data Sheet, Rev. 7, 11/2016
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com