Electronic Components Datasheet Search
  English  ▼

X  

K64F Datasheet(PDF) 49 Page - NXP Semiconductors

Part # K64F
Description  120 MHz ARM짰 Cortex짰-M4-based Microcontroller with FPU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

K64F Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button K64F Datasheet HTML 45Page - NXP Semiconductors K64F Datasheet HTML 46Page - NXP Semiconductors K64F Datasheet HTML 47Page - NXP Semiconductors K64F Datasheet HTML 48Page - NXP Semiconductors K64F Datasheet HTML 49Page - NXP Semiconductors K64F Datasheet HTML 50Page - NXP Semiconductors K64F Datasheet HTML 51Page - NXP Semiconductors K64F Datasheet HTML 52Page - NXP Semiconductors K64F Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
Temperature °C
25
55
85
105
125
1.499
-40
1.4985
1.498
1.4975
1.497
1.4965
1.496
Figure 21. Offset at half scale vs. temperature
3.6.4 Voltage reference electrical specifications
Table 35. VREF full-range operating requirements
Symbol
Description
Min.
Max.
Unit
Notes
VDDA
Supply voltage
1.71
3.6
V
—
TA
Temperature
Operating temperature
range of the device
°C
—
CL
Output load capacitance
100
nF
1, 2
1. CL must be connected to VREF_OUT if the VREF_OUT functionality is being used for either an internal or external
reference.
2. The load capacitance should not exceed +/-25% of the nominal specified CL value over the operating temperature
range of the device.
Peripheral operating requirements and behaviors
Kinetis K64F Sub-Family Data Sheet, Rev. 7, 11/2016
49
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com