Electronic Components Datasheet Search
  English  ▼

X  

SE050 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SE050
Description  Plug & Trust Secure Element
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE050 Datasheet(HTML) 2 Page - NXP Semiconductors

  SE050 Datasheet HTML 1Page - NXP Semiconductors SE050 Datasheet HTML 2Page - NXP Semiconductors SE050 Datasheet HTML 3Page - NXP Semiconductors SE050 Datasheet HTML 4Page - NXP Semiconductors SE050 Datasheet HTML 5Page - NXP Semiconductors SE050 Datasheet HTML 6Page - NXP Semiconductors SE050 Datasheet HTML 7Page - NXP Semiconductors SE050 Datasheet HTML 8Page - NXP Semiconductors SE050 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
NXP Semiconductors
SE050
Plug & Trust Secure Element
SE050
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.0 — 12 May 2020
504930
2 / 30
aaa-032990
Host MCU/MPU
Plug & Trust MW
I2C
SDA SCL
NFC-DEVICE (reader)
SENSOR
CLK
IO:SDA
IO2: SCL
RST
LB
LA
SDA
SCL
SE050
IoT APPLET
JCOP OS
14443
14443
7816
I2C slave
SW I2C master
I2C
Figure 1. SE050 solution block diagram
Note: SE050 is designed to be used as a part of an IoT system. It works as an auxiliary
security device attached to a host controller. The host controller communicates with
SE050 through an I²C interface (with the host controller being the master and the SE050
being the slave). Besides the mandatory connection to the host controller, the SE050
device can optionally be connected to a sensor node or similar element through a
separate I²C interface. In this case, the SE050 device is the master and the sensor node
the slave. Lastly, SE050 has a connection for a native contactless antenna, providing a
wireless interface to an external device like a smartphone.
1.3 SE050 naming convention
The following table explains the naming conventions of the commercial product name
of the SE050 platform. Every SE050 product gets assigned a commercial name, which
includes application specific data.
The SE050 commercial names have the following format.
SE05yagddd/Zrrff
All letters are explained in Table 1 .
Table 1. SE050 commercial name format
Variable
Meaning
Values
Description
y
JCOP version
0
a
Applet Config
A
B
C
D
Configuration options with different key provisioning
options, see [4]
g
Temperature range
1
2
standard operational ambient temperature
1 = -25 °C - 85 °C ,
2 = -40 °C - 105 °C
ddd
Delivery Type
HQ1
HX2QFN20
mrrff
Letters and
numbers
NXP internal code to identify individual configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com