Electronic Components Datasheet Search
  English  ▼

X  

SE050 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SE050
Description  Plug & Trust Secure Element
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE050 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SE050 Datasheet HTML 3Page - NXP Semiconductors SE050 Datasheet HTML 4Page - NXP Semiconductors SE050 Datasheet HTML 5Page - NXP Semiconductors SE050 Datasheet HTML 6Page - NXP Semiconductors SE050 Datasheet HTML 7Page - NXP Semiconductors SE050 Datasheet HTML 8Page - NXP Semiconductors SE050 Datasheet HTML 9Page - NXP Semiconductors SE050 Datasheet HTML 10Page - NXP Semiconductors SE050 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
NXP Semiconductors
SE050
Plug & Trust Secure Element
SE050
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.0 — 12 May 2020
504930
7 / 30
3.1.2.4 HMAC Key object
An HMAC key object allows to securely store an HMAC key. The following operations are
supported on HMAC Key objects to compute an HMAC:
• Init
• Update
• Finalize
3.1.2.5 Binary file objects
Binary file objects are byte arrays of a generic type. As in a standard file system, the
values can be accessed using read/write operations.
3.1.2.6 Counter Objects
Counter objects are special kinds of binary file objects with specific functionality
interpreting the content of the file.
The supported operations for counters are:
• Set
• Get
• Increment
3.1.2.7 Hash-Extend register
A hash-extend register secure object stores a hash over all data provided to that secure
object. It therefore contains the complete history of values provided to that register since
last reboot or since creation and can be used for attestation purposes.
3.1.2.8 User ID secure object
User ID secure objects can be used to create sessions based on the User ID in cases
where multi-tenant support without cryptographic credential usage is required.
3.1.3 Access control
Each secure object can be linked to object specific access control policies. An access
control policy associates a user identified by an authentication with a set of privileges
such as read, write, …
To scale the functionality into a broad range of ecosystems, a set of different
authentication options is provided:
• User-ID based authentication
• Symmetric key based authentication with secure messaging
• Asymmetric key based authentication with secure messaging
At creation of a secure object, an optional set of policies is associated with that
secure object. Each policy assigns a set of allowed operations on that object to an
authentication object.
3.1.4 Sessions and multi-threading
The SE050 IoT applet is prepared for ecosystems where multi-threading and multi-
tenant use cases are needed on APDU level. To enable that, the applet supports 2
simultaneous sessions that can span full secure messaging sessions, self-authenticated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com