Electronic Components Datasheet Search
  English  ▼

X  

SE050 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SE050
Description  Plug & Trust Secure Element
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE050 Datasheet(HTML) 4 Page - NXP Semiconductors

  SE050 Datasheet HTML 1Page - NXP Semiconductors SE050 Datasheet HTML 2Page - NXP Semiconductors SE050 Datasheet HTML 3Page - NXP Semiconductors SE050 Datasheet HTML 4Page - NXP Semiconductors SE050 Datasheet HTML 5Page - NXP Semiconductors SE050 Datasheet HTML 6Page - NXP Semiconductors SE050 Datasheet HTML 7Page - NXP Semiconductors SE050 Datasheet HTML 8Page - NXP Semiconductors SE050 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
NXP Semiconductors
SE050
Plug & Trust Secure Element
SE050
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.0 — 12 May 2020
504930
4 / 30
2.3 Features in detail
Table 2. Feature Overview
Categories
Subcategory
Value
Security certification
CC EAL6+ (HW+JCOP)
JavaCard version
3.0.5
Standards
GlobalPlatform specification version
GP 2.3.1
ECC
ECDSA, ECDH, ECDHE, ECDAA,
EdDSA
MAC
HMAC, secure HMAC, CMAC
Hash
SHA-1, SHA-224, SHA-256, SHA-384,
SHA-512
Key derivation
HKDF, PBKDF2, PRF (TLS-PSK),
CMAC (MIFARE-AES-KDF)
AES
AES (128, 192, 256)
3DES
2K, 3K
Cryptography
RSA
RSA cipher for de-/encryption (up to
4096 bit)
ECC NIST (192 to 521 bit)
Brainpool (160 to 512 bit)
Twisted Edwards Ed25519 /
Montgomery Curve25519
Koblitz (192 to 256 bit)
Crypto curves
ECC
Barreto-Naehrig Curve 256 bit
User memory
50 kB
Memory reliability
up to 100 Mio write cycles / 25 years
Interfaces
I2C Slave
High-speed mode (3.4 Mbps)
I2C Master
Fast Mode (400 kbit/s)
Contactless
ISO14443-A PICC
Power saving modes
Power-Down (with state retention)
< 500µA
Deep Power-Down (no state retention) <5 µA
Standard
-25 - 85 °C, see Naming Conventions
Temperature
Extended
-40 - +105 °C, see Naming Conventions
Packaging
Plastic QFN
3x3 mm (HX2QFN20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com