Electronic Components Datasheet Search
  English  ▼

X  

SE050 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SE050
Description  Plug & Trust Secure Element
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE050 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SE050 Datasheet HTML 5Page - NXP Semiconductors SE050 Datasheet HTML 6Page - NXP Semiconductors SE050 Datasheet HTML 7Page - NXP Semiconductors SE050 Datasheet HTML 8Page - NXP Semiconductors SE050 Datasheet HTML 9Page - NXP Semiconductors SE050 Datasheet HTML 10Page - NXP Semiconductors SE050 Datasheet HTML 11Page - NXP Semiconductors SE050 Datasheet HTML 12Page - NXP Semiconductors SE050 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
NXP Semiconductors
SE050
Plug & Trust Secure Element
SE050
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.0 — 12 May 2020
504930
9 / 30
• ISO14443: If interface available for this product type, check of RF field on LA, LB
antenna pins
• I2C: If interface available for this product type, check if both I2C_SDA, I2C_SCL pins
are at high level (internal weak pull-up active)
• The chosen interface is the only interface the SE050 will receive commands for
processing. To select a different interface the IC needs to be reset.
4 Communication interfaces
4.1 I2C Interfaces
The SE050 has one I2C interface supporting slave and one I2C interface supporting
master mode.
The I2C slave interface is the main communication interface of the device and is used by
the host controller to send arbitrary APDUs to the device. It supports clock frequencies
up to 3.4 MHz when operated in High-Speed Mode (HS). The I2C interface is using the
Smartcard T=1 over I2C protocol.
The default slave address of the SE050 is configured to 0x48.
aaa-037450
1
0
0
1
slave address
0
0
0 R/W
Figure 3. Slave address
The I2C master interface is supposed to be used with slave devices that need to be
securely written and read. This interface features a maximum SCL clock rate of 400 kHz.
4.1.1 Supported I2C frequencies
The SE050 I2C slave interface supports the I2C high-speed mode with a maximum SCL
clock of up to 3.4 MHz when clock stretching is enabled.
In case clock stretching is disabled the maximum supported SCL clock frequency is
1.7 MHz.
Clock stretching is enabled by default. Clock stretching will occur for frequencies
higher than 600 kHz. In case clock stretching is not supported by the I2C master a
dedicated configuration with disabled clock stretching has to be used to ensure the above
mentioned maximum clock frequency.
The SE050 I2C master interface supports maximum 400 kHz SCL clock frequency.
4.2 ISO7816 and ISO14443 Interface
The SE050 supports in addition to the I2C interface ISO78161 and ISO14443-A
Smartcard interfaces. For the ISO7816 interface SmartCard protocols T=0 and T=1 are
1
ISO7816 is not enabled in generic SE050 configurations (see [4], AN12436) but available on customer
request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com